| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP2210 bảng dữ liệu(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2210 bảng dữ liệu(HTML) 22 Page - Microchip Technology |
|
22 / 82 page ![]() MCP2210 DS22288A-page 22 2011 Microchip Technology Inc. 3.1.5 SET USB PRODUCT NAME 3.1.5.1 Responses TABLE 3-14: COMMAND STRUCTURE Byte Index Meaning 00x60 – Set Chip NVRAM Parameters – command code 10x40 – Set USB Product Name – sub-command code 20x00 – Reserved 30x00 – Reserved 4 Total USB String Descriptor Length (this is the length of the Product string multiplied by 2 + 2) Example: “MCP2210 USB to SPI Master” has 25 Unicode characters. - The value to be filled in is: (25 * 2) + 2 = 52 (decimal) = 0x34 5 USB String Descriptor ID – always fill with 0x03 6 Unicode Character Low Byte Example: For the “MCP2210 USB to SPI Master” Unicode string, place here the low byte of the Unicode for character “M”. - Fill this index with 0x4D 7 Unicode Character High Byte Example: For the “MCP2210 USB to SPI Master” Unicode string, place here the high byte of the Unicode for character “M”. - Fill this index with 0x00 8-63 Fill in the remaining Unicode characters in the string TABLE 3-15: RESPONSE 1 STRUCTURE Byte Index Meaning 00x60 – Set Chip NVRAM Parameters – echos back the given command code 10xFB – Blocked Access – The provided password is not matching the one stored in the chip or the settings are permanently locked. 2-63 Don’t Care TABLE 3-16: RESPONSE 2 STRUCTURE Byte Index Meaning 00x60 – Set Chip NVRAM Parameters – echos back the given command code 10x00 – Command Completed Successfully – settings written 20x40 – Sub-command Echoed Back for Set USB Product Name code 3-63 Don’t Care |