công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSB44-3R3 bảng dữ liệu(PDF) 96 Page - NEC

tên linh kiện SSB44-3R3
Giải thích chi tiết về linh kiện  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

SSB44-3R3 bảng dữ liệu(HTML) 96 Page - NEC

Back Button SSB44-3R3 Datasheet HTML 92Page - NEC SSB44-3R3 Datasheet HTML 93Page - NEC SSB44-3R3 Datasheet HTML 94Page - NEC SSB44-3R3 Datasheet HTML 95Page - NEC SSB44-3R3 Datasheet HTML 96Page - NEC SSB44-3R3 Datasheet HTML 97Page - NEC SSB44-3R3 Datasheet HTML 98Page - NEC SSB44-3R3 Datasheet HTML 99Page - NEC SSB44-3R3 Datasheet HTML 100Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 104 page
background image
Power Inductors VOL.10
96
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
DIP Type
●SBCP-80HY Series(SBCP-80HY□□□H)
Package: Bulk・4,000pcs/box
Tape & reel・500pcs/AMMO pack 2,000pcs/box
Numbering System
SBCP - 80HY - 101 H B
① Series
Core size (Outer size x height)
Model numbers and Core sizes
The model number (5 digits) consists of core size and inductance as shown below.
②
Model
Core size [mm]
10.0
ø8.0
SBCP-80HY
„„„H
③
10×101=100(μH)
④
⑤
* For bulk type
* Lead pitch is value at the
root end.
13.50
11.70
9.20
7.60
6.50
5.30
4.00
3.40
2.70
2.20
1.80
1.60
1.20
1.00
0.85
0.71
0.58
0.48
6.30
5.60
5.00
4.60
4.60
4.00
3.50
3.30
2.90
2.60
2.30
1.50
1.40
1.20
0.98
0.91
0.70
0.56
4.50
4.00
3.60
3.30
3.30
2.90
2.50
2.40
2.10
1.90
1.70
1.10
1.00
0.90
0.70
0.65
0.50
0.40
0.02
0.03
0.04
0.04
0.05
0.05
0.08
0.08
0.09
0.13
0.16
0.35
0.41
0.52
0.75
0.95
1.40
1.89
SBCP-80HY1R5H
1.5± 30%
SBCP-80HY2R2H
2.2± 30%
SBCP-80HY3R3H
3.3± 30%
SBCP-80HY4R7H
4.7± 20%
SBCP-80HY6R8H
6.8± 20%
SBCP-80HY100H
10± 20%
SBCP-80HY150H
15± 20%
SBCP-80HY220H
22± 20%
SBCP-80HY330H
33± 20%
SBCP-80HY470H
47± 10%
SBCP-80HY680H
68± 10%
1.70
1.80
1.30
0.24
SBCP-80HY820H
82± 10%
SBCP-80HY101H
100± 10%
SBCP-80HY151H
150± 10%
SBCP-80HY221H
220± 10%
SBCP-80HY331H
330± 10%
SBCP-80HY471H
470± 10%
SBCP-80HY681H
680± 10%
SBCP-80HY102H
1000± 10%
SBCP-80HY Coils
SBCP-80HY Coils
[RoHS Compliant]
[RoHS Compliant]
Inductance
DC resistance
Rated current
Current (Reference value)
Model
L (μH)
(Ω)
(A)
(A)
at 10 kHz, 1mA
max.
ΔT=20˚C
ΔT=40˚C
L change rate–10%
Inductance:
Presence of external tube: H shows presence.
Packaging type: No indication for tape type. ;B; indicates bulk type.
*The presence of an external tube may not be indicated on the surface of sample products.
[mm]
Shape and Dimensions
5.0±0.5
ø0.6
(PB wire)
101
101
101
101
ø9.5
max.
●SBCP-80HY Series(SBCP-80HY□□□H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com