công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSB44-3R3 bảng dữ liệu(PDF) 86 Page - NEC

tên linh kiện SSB44-3R3
Giải thích chi tiết về linh kiện  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

SSB44-3R3 bảng dữ liệu(HTML) 86 Page - NEC

Back Button SSB44-3R3 Datasheet HTML 82Page - NEC SSB44-3R3 Datasheet HTML 83Page - NEC SSB44-3R3 Datasheet HTML 84Page - NEC SSB44-3R3 Datasheet HTML 85Page - NEC SSB44-3R3 Datasheet HTML 86Page - NEC SSB44-3R3 Datasheet HTML 87Page - NEC SSB44-3R3 Datasheet HTML 88Page - NEC SSB44-3R3 Datasheet HTML 89Page - NEC SSB44-3R3 Datasheet HTML 90Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 104 page
background image
Power Inductors VOL.10
86
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
DIP Type
●SBC1Series(SBC1-□□□-○○○)
○
○
○
○
○
○
○
○
○
○
SBC1-1R0-312
SBC1-1R5-292
SBC1-2R2-272
SBC1-3R3-232
SBC1-4R7-202
SBC1-6R8-182
SBC1-100-172
SBC1-150-162
SBC1-220-132
SBC1-330-102
SBC1-470-711
SBC1-680-651
SBC1-101-571
SBC1-151-431
SBC1-221-391
SBC1-331-341
SBC1-471-301
SBC1-681-251
SBC1-102-211
SBC1-152-181
1.0± 20%
1.5± 20%
2.2± 20%
3.3± 20%
4.7± 20%
6.8± 20%
10± 20%
15± 20%
22± 20%
33± 20%
47± 10%
68± 10%
100± 10%
150± 10%
220± 10%
330± 10%
470± 10%
680± 10%
1000± 10%
1500± 10%
0.03
0.03
0.04
0.04
0.05
0.06
0.08
0.10
0.13
0.22
0.34
0.42
0.65
1.00
1.20
1.90
2.40
3.40
4.90
8.00
3.10
2.90
2.70
2.30
2.00
1.80
1.70
1.60
1.30
1.00
0.71
0.65
0.57
0.43
0.39
0.34
0.30
0.25
0.21
0.18
4.30
4.00
3.70
3.20
2.80
2.50
2.30
2.20
1.80
1.40
0.99
0.91
0.79
0.60
0.54
0.47
0.42
0.35
0.29
0.25
5.20
4.00
3.20
2.70
2.10
1.90
1.50
1.20
1.00
0.83
0.71
0.59
0.47
0.38
0.32
0.26
0.21
0.18
0.14
0.12
○
○
○
○
○
○
○
○
○
○
●SBC2Series(SBC2-□□□-○○○)
○
○
○
○
○
○
○
○
○
○
○
SBC2-1R0-612
SBC2-1R5-402
SBC2-3R3-352
SBC2-4R7-262
SBC2-6R8-242
SBC2-100-212
SBC2-150-162
SBC2-220-132
SBC2-330-112
SBC2-470-951
SBC2-680-871
SBC2-101-671
SBC2-151-501
SBC2-221-411
SBC2-331-341
SBC2-471-271
SBC2-681-211
SBC2-102-181
SBC2-152-141
SBC2-222-121
SBC2-332-900
1.0± 20%
1.5± 20%
3.3± 20%
4.7± 20%
6.8± 20%
10± 20%
15± 20%
22± 20%
33± 20%
47± 10%
68± 10%
100± 10%
150± 10%
220± 10%
330± 10%
470± 10%
680± 10%
1000± 10%
1500± 10%
2200± 10%
3300± 10%
0.01
0.02
0.03
0.04
0.05
0.06
0.08
0.11
0.18
0.21
0.26
0.41
0.64
0.87
1.40
2.00
3.10
4.00
6.20
8.00
13.80
6.10
4.00
3.50
2.60
2.40
2.10
1.60
1.30
1.10
0.95
0.87
0.67
0.50
0.41
0.34
0.27
0.21
0.18
0.14
0.12
0.09
8.50
5.60
4.90
3.60
3.30
2.90
2.20
1.80
1.50
1.30
1.20
0.93
0.70
0.57
0.47
0.37
0.29
0.25
0.19
0.16
0.12
6.40
4.90
4.00
3.10
2.70
2.10
1.70
1.40
1.20
1.00
0.81
0.68
0.55
0.45
0.37
0.32
0.26
0.21
0.17
0.14
0.11
○
○
○
○
○
○
○
○
○
○
Package: Bulk 10,000pcs/box
Package: Soft lead・bulk 3,750pcs/box
      Pin lead・bulk 8,000pcs/box
DC resistance
(Ω)
max.
Rated current
(A)
ΔT=20˚C
Model
Inductance
L (μH)
at 10 kHz, 1mA
Current (Reference value)
(A)
ΔT=40˚C
L change rate–10%
Terminal
Soft lead
Pin lead
DC resistance
(Ω)
max.
Rated current
(A)
ΔT=20˚C
Inductance
L (μH)
at 10 kHz, 1mA
Current (Reference value)
(A)
ΔT=40˚C
L change rate–10%
Terminal
Soft lead
Pin lead
Model
SBC Coils
[RoHS Compliant]
SBC Coils
[RoHS Compliant]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com