| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC5642AF2MLU2 bảng dữ liệu(PDF) 38 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5642AF2MLU2 bảng dữ liệu(HTML) 38 Page - Freescale Semiconductor, Inc |
|
38 / 120 page ![]() AN3 DAN1 Single Ended Analog Input Negative Terminal Differential Input P— — I VDDA / Analog Pull-up/down I / — AN[3] / — 169 C7 D8 AN4 DAN2+ Single Ended Analog Input Positive Terminal Differential Input P— — I VDDA / Analog Pull-up/down I / — AN[4] / — 168 B6 B7 AN5 DAN2 Single Ended Analog Input Negative Terminal Differential Input P— — I VDDA / Analog Pull-up/down I / — AN[5] / — 167 A7 B8 AN6 DAN3+ Single Ended Analog Input Positive Terminal Differential Input P— — I VDDA / Analog Pull-up/down I / — AN[6] / — 166 D7 C8 AN7 DAN3 Single Ended Analog Input Negative Terminal Differential Input P— — I VDDA / Analog Pull-up/down I / — AN[7] / — 165 C8 C9 AN8 ANW Single-ended Analog Input Multiplexed Analog Input P01 — I VDDA / Analog I / — AN[8] / — 9 B3 E1 AN9 ANX Single-ended Analog Input External Multiplexed Analog Input P01 — I VDDA / Analog I / — AN[9] / — 5 A2 C2 AN10 ANY Single-ended Analog Input Multiplexed Analog Input P01 — I VDDA / Analog I / — AN[10] / — — — D1 AN11 ANZ Single-ended Analog Input Multiplexed Analog Input P01 — I VDDA / Analog I / — AN[11] / — 4 A3 C1 AN12 - SDS MA0 ETPUA19_O SDS Single-ended Analog Input MUX Address 0 eTPU A channel (output only) eQADC Serial Data Select P A1 A2 G 001 010 100 000 215 I O O I/O VDDEH7 / Medium I / — AN[12] / — 148 A12 C13 AN13 - SDO MA1 ETPUA21_O SDO Single-ended Analog Input MUX Address 1 eTPU A channel (output only) eQADC Serial Data Out P A1 A2 G 001 010 100 000 216 I O O O VDDEH7 / Medium I / — AN[13] / — 147 B12 B13 AN14 - SDI MA2 ETPUA27_O SDI Single-ended Analog Input MUX Address 2 eTPU A channel (output only) eQADC Serial Data In P A1 A2 G 001 010 100 000 217 I O O I VDDEH7 / Medium I / — AN[14] / — 146 C12 A13 AN15 - FCK FCK ETPUA29_O Single-ended Analog Input eQADC Free Running Clock eTPU A channel (output only) P A1 A2 001 010 100 218 I O O VDDEH7 / Medium I / — AN[15] / — 145 C13 A14 AN16 Single-ended Analog Input P — — I VDDA / Analog I / — AN[16] / — 3 C6 A3 AN17 Single-ended Analog Input P — — I VDDA / Analog I / — AN[17] / — 2 C4 A4 Table 3. MPC5642A signal properties (continued) Name1 Function2 P / A / G3 PCR PA field4 PCR5 I/O type Voltage6 / Pad type7 Status8 Package pin No. During reset After reset 176 208 324 |