| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC5642AF2MLU2 bảng dữ liệu(PDF) 31 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5642AF2MLU2 bảng dữ liệu(HTML) 31 Page - Freescale Semiconductor, Inc |
|
31 / 120 page ![]() BOOTCFG[0] IRQ[2] GPIO[211] Boot Config. Input External Interrupt Request GPIO P A1 G 01 10 00 211 I I I/O VDDEH6 / Slow — / Down BOOTCFG[0] / Down —— T20 BOOTCFG[1] IRQ[3] ETRIG3 GPIO[212] Boot Config. Input External Interrupt Request eQADC Trigger Input GPIO P A1 A2 G 001 010 100 000 212 I I I I/O VDDEH6 / Slow — / Down BOOTCFG[1] / Down 85 M15 U21 WKPCFG NMI DSPI_B_SOUT GPIO[213] Weak Pull Config. Input Non-Maskable Interrupt DSPI B data output GPIO P A1 A2 G 001 010 100 000 213 I I O I/O VDDEH6 / Medium — / Up WKPCFG / Up 86 L15 AA20 Calibration Bus CAL_CS0 Calibration chip select P 01 336 O VDDE12 / Fast — / — ——— CAL_CS2 CAL_ADDR[10] CAL_WE[2]/BE[2] Calibration chip select Calibration address bus Calibration write/byte enable P A1 A2 001 010 100 338 O I/O O VDDE12 / Fast — / — ——— CAL_CS3 CAL_ADDR[11] CAL_WE[3]/BE[3] Calibration chip select Calibration address bus Calibration write/byte enable P A1 A2 001 010 100 339 O I/O O VDDE12 / Fast — / — ——— CAL_ADDR[12] CAL_WE[2]/BE[2] Calibration address bus Calibration write/byte enable P A1 01 10 340 I/O O VDDE12 / Fast — / — ——— CAL_ADDR[13] CAL_WE[3]/BE[3] Calibration address bus Calibration write/byte enable P A1 01 10 340 I/O O VDDE12 / Fast — / — ——— CAL_ADDR[14] CAL_DATA[31] Calibration address bus Calibration data bus P A1 01 10 340 I/O I/O VDDE12 / Fast — / — ——— CAL_ADDR[15] CAL_ALE Calibration address bus Calibration address latch enable P A1 01 10 340 I/O O VDDE12 / Fast — / — ——— CAL_ADDR[16] CAL_DATA[16] Calibration address bus Calibration data bus P A1 01 10 345 I/O I/O VDDE12 / Fast — / — ——— CAL_ADDR[17] CAL_DATA[17] Calibration address bus Calibration data bus P A1 01 10 345 I/O I/O VDDE12 / Fast — / — ——— CAL_ADDR[18] CAL_DATA[18] Calibration address bus Calibration data bus P A1 01 10 345 I/O I/O VDDE12 / Fast — / — ——— CAL_ADDR[19] CAL_DATA[19] Calibration address bus Calibration data bus P A1 01 10 345 I/O I/O VDDE12 / Fast — / — ——— CAL_ADDR[20] CAL_DATA[20] Calibration address bus Calibration data bus P A1 01 10 345 I/O I/O VDDE12 / Fast — / — ——— CAL_ADDR[21] CAL_DATA[21] Calibration address bus Calibration data bus P A1 01 10 345 I/O I/O VDDE12 / Fast — / — ——— Table 3. MPC5642A signal properties (continued) Name1 Function2 P / A / G3 PCR PA field4 PCR5 I/O type Voltage6 / Pad type7 Status8 Package pin No. During reset After reset 176 208 324 |