| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC5642AF2MLU2 bảng dữ liệu(PDF) 33 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5642AF2MLU2 bảng dữ liệu(HTML) 33 Page - Freescale Semiconductor, Inc |
|
33 / 120 page ![]() CAL_DATA[10] Calibration data bus P 01 341 I/O VDDE12 / Fast — / Up — / Up — — — CAL_DATA[11] Calibration data bus P 01 341 I/O VDDE12 / Fast — / Up — / Up — — — CAL_DATA[12] Calibration data bus P 01 341 I/O VDDE12 / Fast — / Up — / Up — — — CAL_DATA[13] Calibration data bus P 01 341 I/O VDDE12 / Fast — / Up — / Up — — — CAL_DATA[14] Calibration data bus P 01 341 I/O VDDE12 / Fast — / Up — / Up — — — CAL_DATA[15] Calibration data bus P 01 341 I/O VDDE12 / Fast — / Up — / Up — — — CAL_RD_WR Calibration data bus P 01 342 O VDDE12 / Fast — / — ——— CAL_WE[0] Calibration write enable P 01 342 O VDDE12 / Fast — / — ——— CAL_WE[1] Calibration write enable P 01 342 O VDDE12 / Fast — / — ——— CAL_OE Calibration output enable P 01 342 O VDDE12 / Fast — / — ——— CAL_TS CAL_ALE Calibration transfer start Address Latch Enable P A1 01 10 343 O O VDDE12 / Fast — / — ——— CAL_MDO[4] Calibration Nexus Message Data Out P 01 — O VDDE12 / Fast — CAL_MDO[4] / — — — — CAL_MDO[5] Calibration Nexus Message Data Out P 01 — O VDDE12 / Fast — CAL_MDO[5] / — — — — CAL_MDO[6] Calibration Nexus Message Data Out P 01 — O VDDE12 / Fast — CAL_MDO[6] / — — — — CAL_MDO[7] Calibration Nexus Message Data Out P 01 — O VDDE12 / Fast — CAL_MDO[7] / — — — — CAL_MDO[8] Calibration Nexus Message Data Out P 01 — O VDDE12 / Fast — CAL_MDO[8] / — — — — CAL_MDO[9] Calibration Nexus Message Data Out P 01 — O VDDE12 / Fast — CAL_MDO[9] / — — — — CAL_MDO[10] Calibration Nexus Message Data Out P 01 — O VDDE12 / Fast — CAL_MDO[10] / — — — — CAL_MDO[11] Calibration Nexus Message Data Out P 01 — O VDDE12 / Fast — CAL_MDO[11] / — — — — Table 3. MPC5642A signal properties (continued) Name1 Function2 P / A / G3 PCR PA field4 PCR5 I/O type Voltage6 / Pad type7 Status8 Package pin No. During reset After reset 176 208 324 |