| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM9621 bảng dữ liệu(PDF) 40 Page - Davicom Semiconductor, Inc. |
|
|
|||||||||||||||||||||||||||||
DM9621 bảng dữ liệu(HTML) 40 Page - Davicom Semiconductor, Inc. |
|
40 / 66 page ![]() DM9621 USB2.0 to Fast Ethernet Controller Preliminary 40 Version: DM9621 -14-DS-P02 February 23, 2011 2. Not Supported Standard Commands • Clear_Feature (Interface) • Set_Feature (Interface) • Set_Descriptor ( ) • Sync_Frame ( ) 7.1.2 Vendor commands There are two types of vendor’s command. We can access internal register maximum 64 bytes, and can access internal memory. 7.1.2.1 Register Type READ_REGISTER( ) Setup Stage BmReqType bReq WValue WIndex wLength Byte 0 Byte 1 Byte 2 Byte 3 Byte 4 Byte 5 Byte 6 Byte 7 C0H 00H 00H 00H RegOffset[7:0] 00H BC[7:0] 00H WRITE_REGISTER( ) Setup Stage BmReqType bReq WValue wIndex wLength Byte 0 Byte 1 Byte 2 Byte 3 Byte 4 Byte 5 Byte 6 Byte 7 40H 01H 00H 00H RegOffset[7:0] 00H BC[7:0] 00H WRITE1_REGISTER( ) Setup Stage BmReqType bReq Wvalue wIndex wLength Byte 0 Byte 1 Byte 2 Byte 3 Byte 4 Byte 5 Byte 6 Byte 7 40H 03H Data[7:0] 00H RegOffset[7:0] 00H 0000H |