công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CM6901XIP bảng dữ liệu(PDF) 9 Page - Champion Microelectronic Corp.

tên linh kiện CM6901XIP
Giải thích chi tiết về linh kiện  SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CHAMP [Champion Microelectronic Corp.]
Trang chủ  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6901XIP bảng dữ liệu(HTML) 9 Page - Champion Microelectronic Corp.

Back Button CM6901XIP Datasheet HTML 5Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 6Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 7Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 8Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 9Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 10Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 11Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 12Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 13Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CM6901
SLS (SRC/LLC+SR) Controller with 1 FM+2 PWMs
2012/05/09 Rev2.0
Champion Microelectronic Corporation
Page 9
OSC
Rset1
RSET
V Tol
CT
-
+
.
RT
Rest2
2.5V
Vref
FEAO
Vref
VFB
2 PWMings:
SR Ideal Diode PWMing (Synchronous Outputs)
SR Ideal Diode PWMing for synchronous drivers is accomplished by comparing the voltage signal at the RSET pin
to RTCT ramp. The pulse-width reduction happens when the voltage at the RSET is lower than 1.5V. This allows
safe operation of the power converter with synchronous rectification when the switching frequency is below the
highest resonant point frequency fr1.
3V
Rset1
+
-
.
SRDRV
Vout
RT
-
+
.
FEAO
TO Logic
V Tol
Vref
OSC
Rf1
PRIDRV
Vref
Rest2
VFB
Rf3
CT
1.25V
2.5V
RSET
Decreasing Pulsewidth
with V(RSET)<1.5V
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com