| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F5631ADDFB bảng dữ liệu(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5631ADDFB bảng dữ liệu(HTML) 17 Page - Renesas Technology Corp |
|
17 / 108 page ![]() R01DS0098EJ0090 Rev.0.90 Page 17 of 106 Dec 27, 2011 RX63N Group, RX631 Group 1. Overview Under development Preliminary document Specifications in this document are tentative and subject to change. I/O ports P00 to P03, P05, P07 I/O 6-bit input/output pins. P10 to P17 I/O 8-bit input/output pins. P20 to P27 I/O 8-bit input/output pins. P30 to P37 I/O 8-bit input/output pins. (P35 input/output pins) P40 to P47 I/O 8-bit input/output pins. P50 to P57 I/O 8-bit input/output pins. P60 to P67 I/O 8-bit input/output pins. P70 to P77 I/O 8-bit input/output pins. P80 to P87 I/O 8-bit input/output pins. P90 to P97 I/O 8-bit input/output pins. PA0 to PA7 I/O 8-bit input/output pins. PB0 to PB7 I/O 8-bit input/output pins. PC0 to PC7 I/O 8-bit input/output pins. PD0 to PD7 I/O 8-bit input/output pins. PE0 to PE7 I/O 8-bit input/output pins. PF0 to PF5 I/O 6-bit input/output pins. PG0 to PG7 I/O 8-bit input/output pins. PJ3, PJ5 I/O 2-bit input/output pins. Table 1.4 Pin Functions (6/6) Classifications Pin Name I/O Description |