| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F5631ADDFB bảng dữ liệu(PDF) 58 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5631ADDFB bảng dữ liệu(HTML) 58 Page - Renesas Technology Corp |
|
58 / 108 page ![]() R01DS0098EJ0090 Rev.0.90 Page 58 of 106 Dec 27, 2011 RX63N Group, RX631 Group 4. I/O Registers Under development Preliminary document Specifications in this document are tentative and subject to change. 0008 7031h ICU Interrupt request register 049 IR049 8 8 2 ICLK 0008 7032hz ICU Interrupt request register 050 IR050 8 8 2 ICLK 0008 7033h ICU Interrupt request register 051 IR051 8 8 2 ICLK 0008 7034h ICU Interrupt request register 052 IR052 8 8 2 ICLK 0008 7035h ICU Interrupt request register 053 IR053 8 8 2 ICLK 0008 7036h ICU Interrupt request register 054 IR054 8 8 2 ICLK 0008 7037h ICU Interrupt request register 055 IR055 8 8 2 ICLK 0008 7038h ICU Interrupt request register 056 IR056 8 8 2 ICLK 0008 7039h ICU Interrupt request register 057 IR057 8 8 2 ICLK 0008 703Ah ICU Interrupt request register 058 IR058 8 8 2 ICLK 0008 703Bh ICU Interrupt request register 059 IR059 8 8 2 ICLK 0008 703Eh ICU Interrupt request register 062 IR062 8 8 2 ICLK 0008 7040h ICU Interrupt request register 064 IR064 8 8 2 ICLK 0008 7041h ICU Interrupt request register 065 IR065 8 8 2 ICLK 0008 7042h ICU Interrupt request register 066 IR066 8 8 2 ICLK 0008 7043h ICU Interrupt request register 067 IR067 8 8 2 ICLK 0008 7044h ICU Interrupt request register 068 IR068 8 8 2 ICLK 0008 7045h ICU Interrupt request register 069 IR069 8 8 2 ICLK 0008 7046h ICU Interrupt request register 070 IR070 8 8 2 ICLK 0008 7047h ICU Interrupt request register 071 IR071 8 8 2 ICLK 0008 7048h ICU Interrupt request register 072 IR072 8 8 2 ICLK 0008 7049h ICU Interrupt request register 073 IR073 8 8 2 ICLK 0008 704Ah ICU Interrupt request register 074 IR074 8 8 2 ICLK 0008 704Bh ICU Interrupt request register 075 IR075 8 8 2 ICLK 0008 704Ch ICU Interrupt request register 076 IR076 8 8 2 ICLK 0008 704Dh ICU Interrupt request register 077 IR077 8 8 2 ICLK 0008 704Eh ICU Interrupt request register 078 IR078 8 8 2 ICLK 0008 704Fh ICU Interrupt request register 079 IR079 8 8 2 ICLK 0008 705Ah ICU Interrupt request register 090 IR090 8 8 2 ICLK 0008 705Bh ICU Interrupt request register 091 IR091 8 8 2 ICLK 0008 705Ch ICU Interrupt request register 092 IR092 8 8 2 ICLK 0008 705Dh ICU Interrupt request register 093 IR093 8 8 2 ICLK 0008 7062h ICU Interrupt request register 098 IR098 8 8 2 ICLK 0008 7066h ICU Interrupt request register 102 IR102 8 8 2 ICLK 0008 706Ah ICU Interrupt request register 106 IR106 8 8 2 ICLK 0008 706Bh ICU Interrupt request register 107 IR107 8 8 2 ICLK 0008 706Ch ICU Interrupt request register 108 IR108 8 8 2 ICLK 0008 706Dh ICU Interrupt request register 109 IR109 8 8 2 ICLK 0008 706Eh ICU Interrupt request register 110 IR110 8 8 2 ICLK 0008 706Fh ICU Interrupt request register 111 IR111 8 8 2 ICLK 0008 7070h ICU Interrupt request register 112 IR112 8 8 2 ICLK 0008 7072h ICU Interrupt request register 114 IR114 8 8 2 ICLK 0008 707Ah ICU Interrupt request register 122 IR122 8 8 2 ICLK 0008 707Bh ICU Interrupt request register 123 IR123 8 8 2 ICLK 0008 707Ch ICU Interrupt request register 124 IR124 8 8 2 ICLK 0008 707Dh ICU Interrupt request register 125 IR125 8 8 2 ICLK 0008 707Eh ICU Interrupt request register 126 IR126 8 8 2 ICLK 0008 707Fh ICU Interrupt request register 127 IR127 8 8 2 ICLK 0008 7080h ICU Interrupt request register 128 IR128 8 8 2 ICLK 0008 7081h ICU Interrupt request register 129 IR129 8 8 2 ICLK 0008 7082h ICU Interrupt request register 130 IR130 8 8 2 ICLK 0008 7083h ICU Interrupt request register 131 IR131 8 8 2 ICLK Table 4.1 List of I/O Registers (Address Order) (5/44) Address Module Symbol Register Name Register Symbol Number of Bits Access Size Number of Access States ICLK PCLK ICLK<PCLK |