| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F5631ADDFB bảng dữ liệu(PDF) 43 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5631ADDFB bảng dữ liệu(HTML) 43 Page - Renesas Technology Corp |
|
43 / 108 page ![]() R01DS0098EJ0090 Rev.0.90 Page 43 of 106 Dec 27, 2011 RX63N Group, RX631 Group 1. Overview Under development Preliminary document Specifications in this document are tentative and subject to change. Note 1. The BCLK function is multiplexed with the I/O port function for pin P53, so the port function is not available if the external bus is enabled. Note 2. Enabled only for the on-chip ROM capacity: 2 Mbytes/1.5 Mbytes 128 P92 A18 RXD7/SMISO7/SSCL7 AN016 129 P91 A17 SCK7 AN015 130 VSS 131 P90 A16 TXD7/SMOSI7/SSDA7 AN014 132 VCC 133 P47 IRQ15-DS AN007 134 P46 IRQ14-DS AN006 135 P45 IRQ13-DS AN005 136 P44 IRQ12-DS AN004 137 P43 IRQ11-DS AN003 138 P42 IRQ10-DS AN002 139 P41 IRQ9-DS AN001 140 VREFL0 141 P40 IRQ8-DS AN000 142 VREFH0 143 AVCC0 144 P07 IRQ15 ADTRG0# Table 1.8 List of Pins and Pin Functions (144-Pin LQFP) (5/5) Pin No. Power Supply Clock System Control I/O Port Bus EXDMAC Timers Communications Interrupt S12AD AD DA 144-pin LQFP (MTU, TPU, TMR, PPG, RTC, POE) (ETHERC, SCIc, SCId, RSPI, RIIC, CAN, IEB, USB) |