công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F64112NFB bảng dữ liệu(PDF) 35 Page - Renesas Technology Corp

tên linh kiện R5F64112NFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64112NFB bảng dữ liệu(HTML) 35 Page - Renesas Technology Corp

Back Button R5F64112NFB Datasheet HTML 31Page - Renesas Technology Corp R5F64112NFB Datasheet HTML 32Page - Renesas Technology Corp R5F64112NFB Datasheet HTML 33Page - Renesas Technology Corp R5F64112NFB Datasheet HTML 34Page - Renesas Technology Corp R5F64112NFB Datasheet HTML 35Page - Renesas Technology Corp R5F64112NFB Datasheet HTML 36Page - Renesas Technology Corp R5F64112NFB Datasheet HTML 37Page - Renesas Technology Corp R5F64112NFB Datasheet HTML 38Page - Renesas Technology Corp R5F64112NFB Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 108 page
background image
R01DS0062EJ0120 Rev.1.20
Page 35 of 99
Sep 26, 2011
R32C/111 Group
3. Memory
3.
Memory
Figure 3.1 shows the memory map of the R32C/111 Group.
The R32C/111 Group provides a 4-Gbyte address space from 00000000h to FFFFFFFFh.
The internal ROM is mapped from address FFFFFFFFh in the inferior direction. For example, the 512-Kbyte
internal ROM is mapped from FFF80000h to FFFFFFFFh.
The fixed interrupt vector table contains the start address of interrupt handlers and is mapped from
FFFFFFDCh to FFFFFFFFh.
The internal RAM is mapped from address 00000400h in the superior direction. For example, the 63-Kbyte
internal RAM is mapped from 00000400h to 0000FFFFh. Besides being used for data storage, the internal
RAM functions as a stack(s) for subroutine calls and/or interrupt handlers.
Special function registers (SFRs), which are control registers for peripheral functions, are mapped from
00000000h to 000003FFh, and from 00040000h to 0004FFFFh. Unoccupied SFR locations are reserved,
and no access is allowed.
In memory expansion mode or microprocessor mode, some spaces are reserved for internal use and should
not be accessed.
Figure 3.1
Memory Map
Internal RAM
SFR1
SFR2
00000000h
FFFFFFFFh
Reset
NMI
Reserved
Reserved
Reserved
BRK instruction
Overflow
Undefined instruction
Watchdog timer (5)
FFFFFFFFh
FFFFFFDCh
YYYYYYYYh
00000400h
XXXXXXXXh
Reserved
00040000h
Internal ROM
(Data space) (1)
00060000h
00062000h
00050000h
Reserved
Internal ROM
Capacity
YYYYYYYYh
512 Kbytes FFF80000h
External space (2)
Reserved
00080000h
Reserved (3)
FFE00000h
Internal ROM (4)
384 Kbytes FFFA0000h
Notes:
1. The flash memory version provides two additional 4-Kbyte spaces (blocks A and B) for storing data.
2. This space can be used in memory expansion mode or microprocessor mode. Addresses from 02000000h
to FDFFFFFFh are inaccessible.
3. This space is reserved in memory expansion mode. It becomes an external space in microprocessor mode.
4. This space can be used in single-chip mode or memory expansion mode. It becomes an external space in
microprocessor mode.
5. The watchdog timer interrupt shares a vector with the oscillator stop detection interrupt and low voltage
detection interrupt.
256 Kbytes FFFC0000h
Internal RAM
Capacity
XXXXXXXXh
63 Kbytes
00010000h
40 Kbytes
0000A400h
32 Kbytes
00008400h
128 Kbytes FFFE0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More