| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC1850 bảng dữ liệu(PDF) 33 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1850 bảng dữ liệu(HTML) 33 Page - NXP Semiconductors |
|
33 / 157 page ![]() LPC1850_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Preliminary data sheet Rev. 3 — 6 December 2011 33 of 157 NXP Semiconductors LPC1850/30/20/10 32-bit ARM Cortex-M3 microcontroller P7_3 C13 x - 167 117 - [3] I; PU I/O GPIO3[11] — General purpose digital input/output pin. I CTIN_3 — SCT input 3. Capture input 1 of timer 1. - R — Function reserved. O LCD_VD17 — LCD data. O LCD_VD5 — LCD data. - R — Function reserved. - R — Function reserved. - R — Function reserved. P7_4 C8 x - 189 132 - [6] I; PU I/O GPIO3[12] — General purpose digital input/output pin. O CTOUT_13 — SCT output 13. Match output 1 of timer 3. - R — Function reserved. O LCD_VD16 — LCD data. O LCD_VD4 — LCD data. O TRACEDATA[0] — Trace data, bit 0. - R — Function reserved. - R — Function reserved. I ADC0_4 — ADC0, input channel 4. P7_5 A7 x - 191 133 - [6] I; PU I/O GPIO3[13] — General purpose digital input/output pin. O CTOUT_12 — SCT output 12. Match output 0 of timer 3. - R — Function reserved. O LCD_VD8 — LCD data. O LCD_VD23 — LCD data. O TRACEDATA[1] — Trace data, bit 1. - R — Function reserved. - R — Function reserved. I ADC0_3 — ADC0, input channel 3. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |