| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC1850 bảng dữ liệu(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1850 bảng dữ liệu(HTML) 12 Page - NXP Semiconductors |
|
12 / 157 page ![]() LPC1850_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Preliminary data sheet Rev. 3 — 6 December 2011 12 of 157 NXP Semiconductors LPC1850/30/20/10 32-bit ARM Cortex-M3 microcontroller P1_10 R8 x H6 75 53 38 [3] I; PU I/O GPIO1[3] — General purpose digital input/output pin. I U1_RI — Ring Indicator input for UART1. O CTOUT_14 — SCT output 14. Match output 2 of timer 3. I/O EMC_D3 — External memory data line 3. - R — Function reserved. - R — Function reserved. - R — Function reserved. I/O SD_DAT1 — SD/MMC data bus line 1. P1_11 T9 x J7 77 55 39 [3] I; PU I/O GPIO1[4] — General purpose digital input/output pin. I U1_CTS — Clear to Send input for UART1. O CTOUT_15 — SCT output 15. Match output 3 of timer 3. I/O EMC_D4 — External memory data line 4. - R — Function reserved. - R — Function reserved. - R — Function reserved. I/O SD_DAT2 — SD/MMC data bus line 2. P1_12 R9 x K778 5640 [3] I; PU I/O GPIO1[5] — General purpose digital input/output pin. I U1_DCD — Data Carrier Detect input for UART1. - R — Function reserved. I/O EMC_D5 — External memory data line 5. I T0_CAP1 — Capture input 1 of timer 0. - R — Function reserved. - R — Function reserved. I/O SD_DAT3 — SD/MMC data bus line 3. P1_13 R10 x H8 83 60 41 [3] I; PU I/O GPIO1[6] — General purpose digital input/output pin. O U1_TXD — Transmitter output for UART1. - R — Function reserved. I/O EMC_D6 — External memory data line 6. I T0_CAP0 — Capture input 0 of timer 0. - R — Function reserved. - R — Function reserved. I SD_CD — SD/MMC card detect input. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |