| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC1850 bảng dữ liệu(PDF) 23 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1850 bảng dữ liệu(HTML) 23 Page - NXP Semiconductors |
|
23 / 157 page ![]() LPC1850_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Preliminary data sheet Rev. 3 — 6 December 2011 23 of 157 NXP Semiconductors LPC1850/30/20/10 32-bit ARM Cortex-M3 microcontroller P4_2 D3 x - 12 8 - [3] I; PU I/O GPIO2[2] — General purpose digital input/output pin. O CTOUT_0 — SCT output 0. Match output 0 of timer 0. O LCD_VD3 — LCD data. - R — Function reserved. - R — Function reserved. O LCD_VD12 — LCD data. I U3_RXD — Receiver input for USART3. - R — Function reserved. P4_3 C2 x - 10 7 - [6] I; PU I/O GPIO2[3] — General purpose digital input/output pin. O CTOUT_3 — SCT output 3. Match output 3 of timer 0. O LCD_VD2 — LCD data. - R — Function reserved. - R — Function reserved. O LCD_VD21 — LCD data. I/O U3_BAUD — Baud pin USART3. - R — Function reserved. I ADC0_0 — ADC0, input channel 0. P4_4 B1 x - 14 9 - [6] I; PU I/O GPIO2[4] — General purpose digital input/output pin. O CTOUT_2 — SCT output 2. Match output 2 of timer 0. O LCD_VD1 — LCD data. - R — Function reserved. - R — Function reserved. O LCD_VD20 — LCD data. I/O U3_DIR — RS-485/EIA-485 output enable/direction control for USART3. - R — Function reserved. O DAC — DAC output. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |