| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT82B42R bảng dữ liệu(PDF) 77 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82B42R bảng dữ liệu(HTML) 77 Page - Holtek Semiconductor Inc |
|
77 / 86 page ![]() Rev. 1.00 76 October 27, 2011 Rev. 1.00 77 October 27, 2011 HT82B42R/HT82B42RE I/O MCU with USB Interface Rotate Data Memory right through Carry with result in ACC Data in the specified Data Memory and the carry flag are rotated right by 1 bit. Bit 0 replaces the Carry bit and the original carry flag is rotated into bit 7. The rotated result is stored in the Accumulator and the contents of the Data Memory remain unchanged. ACC.i ← [m].(i+1); (i = 0~6) ACC.7 ← C C ← [m].0 C Subtract Data Memory from ACC with Carry The contents of the specified Data Memory and the complement of the carry flag are subtracted from the Accumulator. The result is stored in the Accumulator. Note that if the result of subtraction is negative, the C flag will be cleared to 0, otherwise if the result is positive or zero, the C flag will be set to 1. ACC ← ACC ― [m] ― C OV, Z, AC, C Subtract Data Memory from ACC with Carry and result in Data Memory The contents of the specified Data Memory and the complement of the carry flag are subtracted from the Accumulator. The result is stored in the Data Memory. Note that if the result of subtraction is negative, the C flag will be cleared to 0, otherwise if the result is positive or zero, the C flag will be set to 1. ACC ← ACC ― [m] ― C OV, Z, AC, C Skip if decrement Data Memory is 0 The contents of the specified Data Memory are first decremented by 1. If the result is 0 the following instruction is skipped. As this requires the insertion of a dummy instruction while the next instruction is fetched, it is a two cycle instruction. If the result is not 0 the program proceeds with the following instruction. [m] ← [m] ― 1 Skip if [m] = 0 None Skip if decrement Data Memory is zero with result in ACC The contents of the specified Data Memory are first decremented by 1. If the result is 0, the following instruction is skipped. The result is stored in the Accumulator but the specified Data Memory contents remain unchanged. As this requires the insertion of a dummy instruction while the next instruction is fetched, it is a two cycle instruction. If the result is not 0, the program proceeds with the following instruction. ACC ← [m] ― 1 Skip if ACC = 0 None RRCA [m] Description Operation Affected flag(s) SBC A,[m] Description Operation Affected flag(s) SBCM A,[m] Description Operation Affected flag(s) SDZ [m] Description Operation Affected flag(s) SDZA [m] Description Operation Affected flag(s) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |