công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT82B42R bảng dữ liệu(PDF) 70 Page - Holtek Semiconductor Inc

tên linh kiện HT82B42R
Giải thích chi tiết về linh kiện  I/O MCU with USB Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R bảng dữ liệu(HTML) 70 Page - Holtek Semiconductor Inc

Back Button HT82B42R Datasheet HTML 66Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 67Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 68Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 69Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 70Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 71Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 72Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 73Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 74Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 86 page
background image
Rev. 1.00
70
October 27, 2011
Rev. 1.00
71
October 27, 2011
HT82B42R/HT82B42RE
I/O MCU with USB Interface
Mnemonic
Description
Cycles Flag Affected
Data Move
MOV A,[m]
Move Data Memory to ACC
1
None
MOV [m],A
Move ACC to Data Memory
1Note
None
MOV A,x
Move immediate data to ACC
1
None
Bit Operation
CLR [m].i
Clear bit of Data Memory
1Note
None
SET [m].i
Set bit of Data Memory
1Note
None
Branch
JMP addr
Jump unconditionally
2
None
SZ [m]
Skip if Data Memory is zero
1Note
None
SZA [m]
Skip if Data Memory is zero with data movement to ACC
1Note
None
SZ [m].i
Skip if bit i of Data Memory is zero
1Note
None
SNZ [m].i
Skip if bit i of Data Memory is not zero
1Note
None
SIZ [m]
Skip if increment Data Memory is zero
1Note
None
SDZ [m]
Skip if decrement Data Memory is zero
1Note
None
SIZA [m]
Skip if increment Data Memory is zero with result in ACC
1Note
None
SDZA [m]
Skip if decrement Data Memory is zero with result in ACC
1Note
None
CALL addr
Subroutine call
2
None
RET
Return from subroutine
2
None
RET A,x
Return from subroutine and load immediate data to ACC
2
None
RETI
Return from interrupt
2
None
Table Read
TABRDC [m](4)
Read ROM code(locate by TBLP and TBHP) to data memory and TBLH
2Note
None
TABRDC [m](5)
Read ROM code(current page) to data memory and TBLH
2Note
None
TABRDL [m]
Read table (last page) to TBLH and Data Memory
2Note
None
Miscellaneous
NOP
No operation
1
None
CLR [m]
Clear Data Memory
1Note
None
SET [m]
Set Data Memory
1Note
None
CLR WDT
Clear Watchdog Timer
1
TO, PDF
CLR WDT1
Pre-clear Watchdog Timer
1
TO, PDF
CLR WDT2
Pre-clear Watchdog Timer
1
TO, PDF
SWAP [m]
Swap nibbles of Data Memory
1Note
None
SWAPA [m]
Swap nibbles of Data Memory with result in ACC
1
None
HALT
Enter power down mode
1
TO, PDF
Note:1.Forskipinstructions,iftheresultofthecomparisoninvolvesaskipthentwocyclesarerequired,ifno
skiptakesplaceonlyonecycleisrequired.
2.AnyinstructionwhichchangesthecontentsofthePCLwillalsorequire2cyclesforexecution.
3.Forthe"CLRWDT1"and"CLRWDT2"instructionstheTOandPDFflagsmaybeaffectedbythe
executionstatus.TheTOandPDFflagsareclearedafterboth"CLRWDT1"and"CLRWDT2"
instructionsareconsecutivelyexecuted.OtherwisetheTOandPDFflagsremainunchanged.
4."TBHPoption"isenabledbyConfigurationOption.
5."TBHPoption"isdisabledbyConfigurationOption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com