công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT82B42R bảng dữ liệu(PDF) 72 Page - Holtek Semiconductor Inc

tên linh kiện HT82B42R
Giải thích chi tiết về linh kiện  I/O MCU with USB Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R bảng dữ liệu(HTML) 72 Page - Holtek Semiconductor Inc

Back Button HT82B42R Datasheet HTML 68Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 69Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 70Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 71Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 72Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 73Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 74Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 75Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 76Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
Rev. 1.00
72
October 27, 2011
Rev. 1.00
73
October 27, 2011
HT82B42R/HT82B42RE
I/O MCU with USB Interface
Subroutine call
Unconditionally calls a subroutine at the specified address. The Program Counter
then increments by 1 to obtain the address of the next instruction which is then
pushed onto the stack. The specified address is then loaded and the program
continues execution from this new address. As this instruction requires an
additional operation, it is a two cycle instruction.
Stack ← Program Counter + 1
Program Counter ← addr
None
Clear Data Memory
Each bit of the specified Data Memory is cleared to 0.
[m] ← 00H
None
Clear bit of Data Memory
Bit i of the specified Data Memory is cleared to 0.
[m].i ← 0
None
Clear Watchdog Timer
The TO, PDF flags and the WDT are all cleared.
WDT cleared
TO ← 0
PDF ← 0
TO, PDF
Pre-clear Watchdog Timer
The TO, PDF flags and the WDTare all cleared. Note that this instruction works in
conjunction with CLR WDT2 and must be executed alternately with CLR WDT2
to have effect. Repetitively executing this instruction without alternately executing
CLR WDT2 will have no effect.
WDT cleared
TO ← 0
PDF ← 0
TO, PDF
Pre-clear Watchdog Timer
The TO, PDF flags and the WDTare all cleared. Note that this instruction works in
conjunction with CLR WDT1 and must be executed alternately with CLR WDT1
to have effect. Repetitively executing this instruction without alternately executing
WDT cleared
TO ← 0
PDF ← 0
TO, PDF
CALL addr
Description
Operation
Affected flag(s)
CLR [m]
Description
Operation
Affected flag(s)
CLR [m].i
Description
Operation
Affected flag(s)
CLR WDT
Description
Operation
Affected flag(s)
CLR WDT1
Description
Operation
Affected flag(s)
CLR WDT2
Description
Operation
Affected flag(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com