| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT66F30 bảng dữ liệu(PDF) 78 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F30 bảng dữ liệu(HTML) 78 Page - Holtek Semiconductor Inc |
|
78 / 244 page ![]() HT68F20/HT68F30/HT68F40/HT68F50/HT68F60 HT68FU30/HT68FU40/HT68FU50/HT68FU60 Rev. 1.60 78 October 24, 2011 I/O Pin Structures The accompanying diagrams illustrate the internal structures of some generic I/O pin types. As the exact logical construction of the I/O pin will differ from these drawings, they are supplied as a guide only to assist with the functional understanding of the I/O pins. The wide range of pin-shared structures does not permit all types to be shown. Programming Considerations Within the user program, one of the first things to con- sider is port initialisation. After a reset, all of the I/O data and port control registers will be set high. This means that all I/O pins will default to an input state, the level of which depends on the other connected circuitry and whether pull-high selections have been chosen. If the port control registers, PAC~PGC, are then programmed to setup some pins as outputs, these output pins will have an initial high output value unless the associated port data registers, PA~PG, are first programmed. Se- lecting which pins are inputs and which are outputs can be achieved byte-wide by loading the correct values into the appropriate port control register or by programming individual bits in the port control register using the ²SET [m].i ² and ²CLR [m].i² instructions. Note that when using these bit control instructions, a read-modify-write opera- tion takes place. The microcontroller must first read in the data on the entire port, modify it to the required new bit values and then rewrite this data back to the output ports. Port A has the additional capability of providing wake-up functions. When the device is in the SLEEP or IDLE Mode, various methods are available to wake the device up. One of these is a high to low transition of any of the Port A pins. Single or multiple pins on Port A can be setup to have this function. V D D M U X W a k e - u p S e l e c t S y s t e m W a k e - u p R e a d D a t a R e g i s t e r D Q C K S D Q C K S C o n t r o l B i t D a t a B u s W r i t e C o n t r o l R e g i s t e r C h i p R e s e t R e a d C o n t r o l R e g i s t e r W r i t e D a t a R e g i s t e r D a t a B i t I / O p i n Q Q P A o n l y W e a k P u l l - u p P u l l - H i g h R e g i s t e r S e l e c t Generic Input/Output Structure |