công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT66F30 bảng dữ liệu(PDF) 65 Page - Holtek Semiconductor Inc

tên linh kiện HT66F30
Giải thích chi tiết về linh kiện  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F30 bảng dữ liệu(HTML) 65 Page - Holtek Semiconductor Inc

Back Button HT66F30 Datasheet HTML 61Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 62Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 63Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 64Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 65Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 66Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 67Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 68Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 69Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 244 page
background image
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.60
65
October 24, 2011
Input/Output Ports
Holtek microcontrollers offer considerable flexibility on their I/O ports. With the input or output designation of every pin
fully under user program control, pull-high selections for all ports and wake-up selections on certain pins, the user is
provided with an I/O structure to meet the needs of a wide range of application possibilities.
The device provides bidirectional input/output lines labeled with port names PA~PG. These I/O ports are mapped to the
RAM Data Memory with specific addresses as shown in the Special Purpose Data Memory table. All of these I/O ports
can be used for input and output operations. For input operation, these ports are non-latching, which means the inputs
must be ready at the T2 rising edge of instruction
²MOV A,[m]², where m denotes the port address. For output opera-
tion, all the data is latched and remains unchanged until the output latch is rewritten.
· I/O Register List
¨ HT68F20
Register
Name
Bit
76543210
PAWU
D7
D6
D5
D4
D3
D2
D1
D0
PAPU
D7
D6
D5
D4
D3
D2
D1
D0
PA
D7
D6
D5
D4
D3
D2
D1
D0
PAC
D7
D6
D5
D4
D3
D2
D1
D0
PBPU
¾¾
D5
D4
D3
D2
D1
D0
PB
¾¾
D5
D4
D3
D2
D1
D0
PBC
¾¾
D5
D4
D3
D2
D1
D0
PCPU
¾¾¾¾
D3
D2
D1
D0
PC
¾¾¾¾
D3
D2
D1
D0
PCC
¾¾¾¾
D3
D2
D1
D0
¨ HT68F30
Register
Name
Bit
76543210
PAWU
D7
D6
D5
D4
D3
D2
D1
D0
PAPU
D7
D6
D5
D4
D3
D2
D1
D0
PA
D7
D6
D5
D4
D3
D2
D1
D0
PAC
D7
D6
D5
D4
D3
D2
D1
D0
PBPU
¾¾
D5
D4
D3
D2
D1
D0
PB
¾¾
D5
D4
D3
D2
D1
D0
PBC
¾¾
D5
D4
D3
D2
D1
D0
PCPU
D7
D6
D5
D4
D3
D2
D1
D0
PC
D7
D6
D5
D4
D3
D2
D1
D0
PCC
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More