công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FM3130-G bảng dữ liệu(PDF) 22 Page - Ramtron International Corporation

tên linh kiện FM3130-G
Giải thích chi tiết về linh kiện  Integrated RTC/Alarm and 64Kb F-RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RAMTRON [Ramtron International Corporation]
Trang chủ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3130-G bảng dữ liệu(HTML) 22 Page - Ramtron International Corporation

Back Button FM3130-G Datasheet HTML 14Page - Ramtron International Corporation FM3130-G Datasheet HTML 15Page - Ramtron International Corporation FM3130-G Datasheet HTML 16Page - Ramtron International Corporation FM3130-G Datasheet HTML 17Page - Ramtron International Corporation FM3130-G Datasheet HTML 18Page - Ramtron International Corporation FM3130-G Datasheet HTML 19Page - Ramtron International Corporation FM3130-G Datasheet HTML 20Page - Ramtron International Corporation FM3130-G Datasheet HTML 21Page - Ramtron International Corporation FM3130-G Datasheet HTML 22Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
O
BS
O
LE
TE
N
o
D
ire
ct
R
ep
la
ce
m
en
t
Al
te
rn
at
iv
e:
FM
31
64
FM3130 Integrated RTC/Alarm with 64Kb FRAM
Rev. 3.2
Sept. 2011
Page 22 of 22
Revision History
Revision
Date
Summary
0.0
12/14/05
Initial release.
0.1
2/28/06
All register space is battery-backed. Moved location of some bits in regs 00
and 01h. Removed serial number. Added LB and POR flags, and fast charge
mode to trickle charger. Industrial temp grade.
0.2
5/10/06
Updated AEN, AF, and ACS pin descriptions and Backup Power section.
Changed trickle charger limits and added VSW parameter.
Added TDFN
package.
1.0
9/18/06
Changed to Preliminary status. Changed IBAKTC (FC=0) from 50 to 25A.
1.1
6/26/07
Added ESD and package MSL ratings.
3.0
2/29/2008
Changed to Production status. Updated ESD ratings.
3.1
2/9/2009
Added tape and reel ordering information. Expanded data retention ratings.
Added UL Recognition of trickle charger. Added exposed pad dimensions
and pcb footprint to TDFN drawing.
3.2
9/7/2011
End of Life. No direct replacement. Alternative device: FM3164.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com