công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FM3130-G bảng dữ liệu(PDF) 18 Page - Ramtron International Corporation

tên linh kiện FM3130-G
Giải thích chi tiết về linh kiện  Integrated RTC/Alarm and 64Kb F-RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RAMTRON [Ramtron International Corporation]
Trang chủ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3130-G bảng dữ liệu(HTML) 18 Page - Ramtron International Corporation

Back Button FM3130-G Datasheet HTML 14Page - Ramtron International Corporation FM3130-G Datasheet HTML 15Page - Ramtron International Corporation FM3130-G Datasheet HTML 16Page - Ramtron International Corporation FM3130-G Datasheet HTML 17Page - Ramtron International Corporation FM3130-G Datasheet HTML 18Page - Ramtron International Corporation FM3130-G Datasheet HTML 19Page - Ramtron International Corporation FM3130-G Datasheet HTML 20Page - Ramtron International Corporation FM3130-G Datasheet HTML 21Page - Ramtron International Corporation FM3130-G Datasheet HTML 22Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
O
BS
O
LE
TE
N
o
D
ire
ct
R
ep
la
ce
m
en
t
Al
te
rn
at
iv
e:
FM
31
64
FM3130 Integrated RTC/Alarm with 64Kb FRAM
Rev. 3.2
Sept. 2011
Page 18 of 22
AC Parameters (TA = -40 C to + 85 C, VDD = 2.7V to 3.6V, CL = 100 pF unless otherwise specified)
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Units
Notes
fSCL
SCL Clock Frequency
0
100
0
400
0
1000
kHz
tLOW
Clock Low Period
4.7
1.3
0.6
s
tHIGH
Clock High Period
4.0
0.6
0.4
s
tAA
SCL Low to SDA Data Out Valid
3
0.9
0.55
s
tBUF
Bus Free Before New Transmission
4.7
1.3
0.5
s
tHD:STA
Start Condition Hold Time
4.0
0.6
0.25
s
tSU:STA
Start Condition Setup for Repeated
Start
4.7
0.6
0.25
s
tHD:DAT
Data In Hold Time
0
0
0
ns
tSU:DAT
Data In Setup Time
250
100
100
ns
tR
Input Rise Time
1000
300
300
ns
1
tF
Input Fall Time
300
300
100
ns
1
tSU:STO
Stop Condition Setup Time
4.0
0.6
0.25
s
tDH
Data Output Hold (from SCL @ VIL)
0
0
0
ns
tSP
Noise Suppression Time Constant
on SCL, SDA
50
50
50
ns
All SCL specifications as well as start and stop conditions apply to both read and write operations.
Supervisor Timing (TA = -40 C to + 85 C, VDD = 2.7V to 3.6V)
Symbol
Parameter
Min
Max
Units
Notes
tVR
VDD Rise Time
50
-
s/V
1,2
tVF
VDD Fall Time
100
-
s/V
1,2
tRPU
Device active after VDD>2.7V
-
20
ms
Capacitance (TA = 25 C, f=1.0 MHz, VDD = 3.0V)
Symbol
Parameter
Typ
Max
Units
Notes
CIO
Input/Output Capacitance
-
8
pF
1
CXTL
X1, X2 Crystal pin Capacitance
25
-
pF
1, 3
Notes
1
This parameter is characterized but not tested.
2
Slope measured at any point on VDD waveform.
3
The crystal attached to the X1/X2 pins must be rated as 12.5pF.
Data Retention (VDD = 2.7V to 3.6V)
Symbol
Parameter
Min
Units
Notes
TDR
Data Retention
@ +75°C
@ +80°C
@ +85°C
45
20
10
Years
Years
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com