công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS9220 bảng dữ liệu(PDF) 10 Page - Integrated Device Technology

tên linh kiện ICS9220
Giải thích chi tiết về linh kiện  Programmable RambusTM XDRTM Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9220 bảng dữ liệu(HTML) 10 Page - Integrated Device Technology

Back Button ICS9220 Datasheet HTML 6Page - Integrated Device Technology ICS9220 Datasheet HTML 7Page - Integrated Device Technology ICS9220 Datasheet HTML 8Page - Integrated Device Technology ICS9220 Datasheet HTML 9Page - Integrated Device Technology ICS9220 Datasheet HTML 10Page - Integrated Device Technology ICS9220 Datasheet HTML 11Page - Integrated Device Technology ICS9220 Datasheet HTML 12Page - Integrated Device Technology ICS9220 Datasheet HTML 13Page - Integrated Device Technology ICS9220 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
ICS9220
1227G—11/05/07
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
f = 300 to 636 MHz
-
36
40
ps
f = 635 to 800 MHz
-
26
30
ps
L20
fOFFSET = 20MHz,
fOUT = 400MHz
-128
ps
DC
45
55
%
tR, tF
20% to 80% of output voltage
140
300
ps
tR-F
20% to 80% of output voltage
-
100
ps
ZOUT
2
VOL = 0.9 V
1000
-
Ω
Notes:
1
2
Duty cycle
Guaranteed by design and characterization, not 100% tested in production
Zout is defined at the output pins.
Dynamic output impedance
Output rise and fall times
Difference between output rise and fall
time on same pin of a single device
Phase noise spectral purity
AC Characteristics-Outputs
PARAMETER
1
TA = 0°C to +85°C; Supply Voltage AVDD2.5, VDD2.5 = 2.5 V +/- 0.125V (unless otherwise stated)
Short term jitter (over 1 to 6 clock
cycles)
tJ
2
DC Characteristics - Outputs
TA = 0°C to +85°C; Supply Voltage AVDD2.5, VDD2.5 = 2.5 V +/- 0.125V (unless otherwise stated)
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
tPU
Power within spec to outputs
within spec
3ms
tCO
SMBus or Mode Select
transition to outputs valid and
within spec
3ms
VOX
Measured as shown in Fig. 3
0.9
1.1
V
VCOS
Measured as shown in Fig. 3.
Excludes over and undershoot.
300
350
mV
VOL, ABS
Measured at ODCLK_T/C pins
0.85
V
VISET
VDD = 2.3V, VOUT = 1V
0.98
1.02
V
IOL/IREF
IREF is equal to VISET/RRC.
Tolerance of RRC <=+/-1%.
6.8
7
7.2
-
IOL, ABS
Measured at ODCLK_T/C pins
with termination per Figure 3.
45
-
mA
VOLSMB
IOL = 4 mA
-0.4
V
IOLSMB
VOL= 0.8 V
6-
mA
IOZ
Differential clock output pins
-
50
µΑ
Notes:
1
Low-level output voltage SMBus
Low-level output current SMBus
Tristate output current
There is no output latency or glitches if a value written to an output register is the same as its current contents.
PARAMETER
Power up latency
State transition latency
1
Differential output crossing voltage
Minimum current at VOLABS
Output Voltage Swing (peak-to-peak
singled ended)
Absolute output low voltage
Reference Voltage for swing control
current
Ratio of output low current to reference
current at typical VDD2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com