| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS9220 bảng dữ liệu(PDF) 3 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS9220 bảng dữ liệu(HTML) 3 Page - Integrated Device Technology |
|
3 / 17 page ![]() 3 ICS9220 1227G—11/05/07 General SMBus serial interface information for the ICS9220 How to Write: • Controller (host) sends a start bit. • Controller (host) sends the write address per table 3 • ICS clock will acknowledge • Controller (host) sends the begining byte location = N • ICS clock will acknowledge • Controller (host) sends the data byte count = X • ICS clock will acknowledge • Controller (host) starts sending Byte N through Byte N + X -1 • ICS clock will acknowledge each byte one at a time • Controller (host) sends a Stop bit How to Read: • Controller (host) will send start bit. • Controller (host) sends the write address per table 3 • ICS clock will acknowledge • Controller (host) sends the begining byte location = N • ICS clock will acknowledge • Controller (host) will send a separate start bit. • Controller (host) sends the read address per table 3 • ICS clock will acknowledge • ICS clock will send the data byte count = X • ICS clock sends Byte N + X -1 • ICS clock sends Byte 0 through byte X • Controller (host) will need to acknowledge each byte • Controllor (host) will send a not acknowledge bit • Controller (host) will send a stop bit ICS (Sla ve /Re ce ive r) T WR ACK ACK ACK ACK ACK P Byte N + X - 1 Data Byte Count = X Beginning Byte N stoP bit Index Block Write Operation Slave Address table 3 Beginning Byte = N WRite starT bit Controlle r (Host) T starT bit WR WRite RT Repeat starT RD ReaD Beginning Byte N Byte N + X - 1 N Not acknowledge PstoP bit Slave Address table 3 Index Block Read Operation Slave Address table 3 Beginning Byte = N ACK ACK Data Byte Count = X ACK ICS (Sla ve /Re ce ive r) Controlle r (Host) ACK ACK |