| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM5K3 bảng dữ liệu(PDF) 10 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
SM5K3 bảng dữ liệu(HTML) 10 Page - Sharp Corporation |
|
10 / 28 page ![]() SM5K3/SM5K4/SM5K5 - 10 - Data Memory (RAM) The data memory (RAM) is used to store data up to 4 x 16 x 8 = 512 bits. Fig. 3 B Register and SB Register File (0-7) BM BL 0 1 2 3 4 5 6 7 0 1 2 3 456 78 9 A B C D E F Word (0-FH) 1 word = 4-bit Fig. 4 RAM File and Word B Register and SB Register • B register (BM, BL) The B register is an 8-bit register that is used to specify the RAM address. The upper 4-bit section is called BM register and lower 4-bit BL. • SB register The SB register is an 8-bit register used as the save register for the B register. The contents of B register and SB register can be exchanged through EX instruction. 7 3 0 0 03 EX instruction (swap) SB register BM register B register BL register |