| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS570LS3137 bảng dữ liệu(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS570LS3137 bảng dữ liệu(HTML) 18 Page - Texas Instruments |
|
18 / 159 page ![]() TMS570LS3137 SPNS162. – SEPTEMBER 2011 www.ti.com Table 2-13. PGE Multi-Buffered Serial Peripheral Interface Modules (MibSPI) (continued) Terminal Signal Default Pull Type Description Type Pull State Signal Name 144 PGE MIBSPI3CLK 53 I/O Pull Up Programmable, MibSPI3 clock, or GIO 20uA MIBSPI3NCS[0]/AD2EVT/GIOB[2] 55 MibSPI3 chip select, or GIO MIBSPI3NCS[1]/N2HET1[25]/MDCLK 37 MIBSPI3NCS[2]/I2C_SDA/N2HET1[27] 4 MIBSPI3NCS[3]/I2C_SCL/N2HET1[29] 3 N2HET1[11]/MIBSPI3NCS[4]/N2HET2[18] 6 Pull Up Programmable, MibSPI3 chip select, or 20uA GIO MIBSPI3NENA /MIBSPI3NCS[5]/N2HET1[31] 54 Pull Up Programmable, MibSPI3 chip select, or 20uA GIO MIBSPI3NENA/MIBSPI3NCS[5]/N2HET1[31] 54 MibSPI3 enable, or GIO MIBSPI3SIMO 52 MibSPI3 slave-in master-out, or GIO MIBSPI3SOMI 51 MibSPI3 slave-out master-in, or GIO MIBSPI5CLK/MII_TXEN 100 I/O Pull Up Programmable, MibSPI5 clock, or GIO 20uA MIBSPI5NCS[0] 32 MibSPI5 chip select, or GIO MIBSPI5NENA/MII_RXD[3] 97 MibSPI5 enable, or GIO MIBSPI5SIMO[0]/MII_TXD[1] 99 MibSPI5 slave-in master-out, or GIO MIBSPI5SOMI[0]/MII_TXD[0] 98 MibSPI5 slave-out master-in, or GIO 2.4.1.11 Ethernet Controller Table 2-14. PGE Ethernet Controller: MDIO Interface Terminal Signal Default Pull Type Description Type Pull State Signal Name 144 PGE MIBSPI3NCS[1]/N2HET1[25]/MDCLK 37 Output Pull Up - Serial clock output MIBSPI1NCS[2]/N2HET1[19]/MDIO 40 I/O Pull Up Fixed, 20uA Serial data input/output Table 2-15. PGE Ethernet Controller: Media Independent Interface (MII) Terminal Signal Default Pull Type Description Type Pull State Signal Name 144 PGE MIBSPI1NCS[1]/N2HET1[17]/MII_COL 130 Input Pull Up - Collision detect N2HET1[12]/MII_CRS 124 Pull Down Fixed, 20uA Carrier sense and receive valid N2HET1[28]/MII_RXCLK/MII_RX_AVCLK4 107 I/O Pull Down - MII output receive clock N2HET1[30]/MII_RX_DV 127 Input Pull Down Fixed, 20uA Received data valid AD1EVT/MII_RX_ER 86 Receive error N2HET1[28]/MII_RX_CLK/MII_RX_AVCLK4 107 I/O Receive clock N2HET1[24]/MIBSPI1NCS[5]/MII_RXD[0] 92 Input Receive data N2HET1[26]/MII_RXD[1] 92 MIBSPI1NENA/N2HET1[23]/MII_RXD[2] 96 Pull Up Fixed, 20uA MIBSPI5NENA/MII_RXD[3] 97 18 Device Package and Terminal Functions Copyright © 2011, Texas Instruments Incorporated Submit Documentation Feedback focus.ti.com: TMS570LS3137 |