| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L6728H bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6728H bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 32 page ![]() Obsolete Product(s) - Obsolete Product(s) Package mechanical data L6728H 30/32 Doc ID 15725 Rev 1 14 Package mechanical data In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 19. Package dimensions Table 8. DFN10 mechanical data Dim. mm mils Min. Typ. Max. Min. Typ. Max. A 0.80 0.90 1.00 31.5 35.4 39.4 A1 0.02 0.05 0.8 2.0 A2 0.70 27.6 A3 0.20 7.9 b 0.18 0.23 0.30 7.1 9.1 11.8 D 3.00 118.1 D2 2.21 2.26 2.31 87.0 89.0 90.9 E 3.00 118.1 E2 1.49 1.64 1.74 58.7 64.6 68.5 e 0.50 19.7 L 0.3 0.4 0.5 11.8 15.7 19.7 M 0.75 29.5 m 0.25 9.8 |