công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6728H bảng dữ liệu(PDF) 18 Page - STMicroelectronics

tên linh kiện L6728H
Giải thích chi tiết về linh kiện  Single phase PWM controller with Power Good
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728H bảng dữ liệu(HTML) 18 Page - STMicroelectronics

Back Button L6728H Datasheet HTML 14Page - STMicroelectronics L6728H Datasheet HTML 15Page - STMicroelectronics L6728H Datasheet HTML 16Page - STMicroelectronics L6728H Datasheet HTML 17Page - STMicroelectronics L6728H Datasheet HTML 18Page - STMicroelectronics L6728H Datasheet HTML 19Page - STMicroelectronics L6728H Datasheet HTML 20Page - STMicroelectronics L6728H Datasheet HTML 21Page - STMicroelectronics L6728H Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Application details
L6728H
18/32
Doc ID 15725 Rev 1
Figure 7.
Power connections (heavy lines)
Gate traces and phase trace must be sized according to the driver RMS current delivered to
the power MOSFET. The device robustness allows managing applications with the power
section far from the controller without losing performances. Anyway, when possible, it is
recommended to minimize the distance between controller and power section.
Small signal components and connections to critical nodes of the application, as well as
bypass capacitors for the device supply, are also important. Locate bypass capacitor (VCC
and Bootstrap capacitor) and feedback compensation components as close to the device as
practical. For over current programmability, place ROCSET close to the device and avoid
leakage current paths on LGATE / OC pin, since the internal current source is only 10
μA.
Systems that do not use Schottky diode in parallel to the low-side MOSFET might show big
negative spikes on the phase pin. This spike must be limited within the absolute maximum
ratings (for example, adding a gate resistor in series to HS MOSFET gate), as well as the
positive spike, but has an additional consequence: it causes the bootstrap capacitor to be
over-charged. This extra-charge can cause, in the worst case condition of maximum input
voltage and during particular transients, that boot-to-phase voltage overcomes the absolute
maximum ratings also causing device failures. It is then suggested in this cases to limit this
extra-charge by adding a small resistor in series to the bootstrap diode.
Figure 8.
Drivers turn-on and turn-off paths
L
CIN
VIN
UGATE
PHASE
LGATE
GND
LOAD
L6728A
COUT
L6728H
RGATE
RINT
CGD
CGS
CDS
VCC
LS DRIVER
LS MOSFET
GND
LGATE
RGATE
RINT
CGD
CGS
CDS
BOOT
HS DRIVER
HS MOSFET
PHASE
UGATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com