công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6226Q bảng dữ liệu(PDF) 19 Page - STMicroelectronics

tên linh kiện L6226Q
Giải thích chi tiết về linh kiện  DMOS dual full bridge driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226Q bảng dữ liệu(HTML) 19 Page - STMicroelectronics

Back Button L6226Q_10 Datasheet HTML 15Page - STMicroelectronics L6226Q_10 Datasheet HTML 16Page - STMicroelectronics L6226Q_10 Datasheet HTML 17Page - STMicroelectronics L6226Q_10 Datasheet HTML 18Page - STMicroelectronics L6226Q_10 Datasheet HTML 19Page - STMicroelectronics L6226Q_10 Datasheet HTML 20Page - STMicroelectronics L6226Q_10 Datasheet HTML 21Page - STMicroelectronics L6226Q_10 Datasheet HTML 22Page - STMicroelectronics L6226Q_10 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
L6226Q
Paralleled operation
Doc ID 14335 Rev 5
19/29
6
Paralleled operation
The outputs of the L6226Q can be paralleled to increase the output current capability or
reduce the power dissipation in the device at a given current level. It must be noted,
however, that the internal wire bond connections from the die to the power or sense pins of
the package must carry current in both of the associated half bridges. When the two halves
of one full bridge (for example OUT1A and OUT2A) are connected in parallel, the peak
current rating is not increased since the total current must still flow through one bond wire on
the power supply or sense pin. In addition the over current detection senses the sum of the
current in the upper devices of each bridge (A or B) so connecting the two halves of one
bridge in parallel does not increase the over current detection threshold.
For most applications the recommended configuration is half bridge 1 of bridge A paralleled
with the half bridge 1 of the bridge B, and the same for the half bridges 2 as shown in
Figure 15. The current in the two devices connected in parallel will share very well since the
RDS(on) of the devices on the same die is well matched.
When connected in this configuration the over current detection circuit, which senses the
current in each bridge (A and B), will sense the current in upper devices connected in
parallel independently and the sense circuit with the lowest threshold will trip first. With the
enables connected in parallel, the first detection of an over current in either upper DMOS
device will turn of both bridges. Assuming that the two DMOS devices share the current
equally, the resulting over current detection threshold will be twice the minimum threshold
set by the resistors RCLA or RCLB in Figure 15. It is recommended to use RCLA = RCLB.
In this configuration the resulting bridge has the following characteristics.
Equivalent device: full bridge
RDS(on) 0.37 Ω typ. value @ TJ = 25 °C
2.8 A max RMS load current
5.6 A max OCD threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com