công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6226Q bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện L6226Q
Giải thích chi tiết về linh kiện  DMOS dual full bridge driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226Q bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button L6226Q_10 Datasheet HTML 6Page - STMicroelectronics L6226Q_10 Datasheet HTML 7Page - STMicroelectronics L6226Q_10 Datasheet HTML 8Page - STMicroelectronics L6226Q_10 Datasheet HTML 9Page - STMicroelectronics L6226Q_10 Datasheet HTML 10Page - STMicroelectronics L6226Q_10 Datasheet HTML 11Page - STMicroelectronics L6226Q_10 Datasheet HTML 12Page - STMicroelectronics L6226Q_10 Datasheet HTML 13Page - STMicroelectronics L6226Q_10 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Circuit description
L6226Q
10/29
Doc ID 14335 Rev 5
4
Circuit description
4.1
Power stages and charge pump
The L6226Q integrates two independent power MOS full bridges. Each power MOS has an
RDS(on) = 0.73 Ω (typical value @ 25 °C), with intrinsic fast freewheeling diode. Cross
conduction protection is achieved using a dead time (td = 1
μs typical) between the switch
off and switch on of two power MOS in one leg of a bridge.
Using N-channel power MOS for the upper transistors in the bridge requires a gate drive
voltage above the power supply voltage. The bootstrapped (VBOOT) supply is obtained
through an internal oscillator and few external components to realize a charge pump circuit
as shown in Figure 5. The oscillator output (VCP) is a square wave at 600 kHz (typical) with
10 V amplitude. Recommended values/part numbers for the charge pump circuit are shown
in Table 6.
Figure 5.
Charge pump circuit
Table 6.
Charge pump external components values
Component
Value
CBOOT
220 nF
CP
10 nF
D1
1N4148
D2
1N4148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com