công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8563SDSCT bảng dữ liệu(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DAC8563SDSCT
Giải thích chi tiết về linh kiện  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563SDSCT bảng dữ liệu(HTML) 34 Page - Texas Instruments

Back Button DAC8563SDSCT Datasheet HTML 30Page - Texas Instruments DAC8563SDSCT Datasheet HTML 31Page - Texas Instruments DAC8563SDSCT Datasheet HTML 32Page - Texas Instruments DAC8563SDSCT Datasheet HTML 33Page - Texas Instruments DAC8563SDSCT Datasheet HTML 34Page - Texas Instruments DAC8563SDSCT Datasheet HTML 35Page - Texas Instruments DAC8563SDSCT Datasheet HTML 36Page - Texas Instruments DAC8563SDSCT Datasheet HTML 37Page - Texas Instruments DAC8563SDSCT Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
V
X
OUT
Amplifier
Power-Down
Circuitry
Resistor
Network
Resistor
String
DAC
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
www.ti.com
POWER-DOWN MODES
The DAC756x, DAC816x, and DAC856x have two separate sets of power-down commands. One set is for the
DAC channels and the other set is for the internal reference. The internal reference is forced to a powered down
state while both DAC channels are powered down, and is only enabled if any DAC channel is also in normal
mode of operation. For more information on the internal reference control, see the INTERNAL REFERENCE
ENABLE REGISTER section.
DAC Power-Down Commands
The DAC756x, DAC816x, and DAC856x DACs use four modes of operation. These modes are accessed by
setting command bits C2, C1, and C0, and power-down register bits DB5 and DB4. The command bits must be
set to 100. Once the command bits are set correctly, the four different power down modes are software
programmable by setting bits DB5 and DB4 in the shift register. Table 13 or Table 16 through Table 18 shows
how to control the operating mode with data bits PD1 (DB5), PD0 (DB4), DB1, and DB0.
Table 16. DAC Power Mode Register Command Structure
Command
Address
Data
X
X
1
0
0
X
X
X
X
X
X
X
X
X
X
X
X
X
PD1
PD0
X
X
DAC-B
DAC-A
DB23
DB0
Table 17. DAC-n Operating Modes
PD1 (DB5)
PD0 (DB4)
DAC OPERATING MODES
0
0
Power up selected DACs (normal mode, default)
0
1
Power down selected DACs 1 k
Ω to GND
1
0
Power down selected DACs 100 k
Ω to GND
1
1
Power down selected DACs Hi-Z to GND
Table 18. DAC-n Selection for Operating Modes
DB1/DB0
Operating Mode
0
DAC-n does not change operating mode
1
DAC-n operating mode set to value on PD1 and PD0
It is possible to write to the DAC register/buffer of the DAC channel that is powered down. When the DAC
channel is then powered up, it powers up to this new value.
The advantage of the available power-down modes is that the output impedance of the device is known while it is
in power-down mode. As described in Table 17, there are three different power-down options. VOUT can be
connected internally to GND through a 1-k
Ω resistor, a 100-kΩ resistor, or open-circuited (Hi-Z). The DAC
powerdown circuitry is shown in Figure 92.
Figure 92. Output Stage
34
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com