công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8563SDSCT bảng dữ liệu(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DAC8563SDSCT
Giải thích chi tiết về linh kiện  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563SDSCT bảng dữ liệu(HTML) 17 Page - Texas Instruments

Back Button DAC8563SDSCT Datasheet HTML 13Page - Texas Instruments DAC8563SDSCT Datasheet HTML 14Page - Texas Instruments DAC8563SDSCT Datasheet HTML 15Page - Texas Instruments DAC8563SDSCT Datasheet HTML 16Page - Texas Instruments DAC8563SDSCT Datasheet HTML 17Page - Texas Instruments DAC8563SDSCT Datasheet HTML 18Page - Texas Instruments DAC8563SDSCT Datasheet HTML 19Page - Texas Instruments DAC8563SDSCT Datasheet HTML 20Page - Texas Instruments DAC8563SDSCT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Time (5 s/div)
V
(100 V/div)
OUT
From Code: 7FFFh
To Code: 8000h
Trigger (5 V/div)
LDAC
Feedthrough
LDAC
Glitch Impulse
0.1 nV-s
»
Time (5 s/div)
V
(100 V/div)
OUT
From Code:
To Code:
8000h
7FFFh
Trigger (5 V/div)
LDAC
Feedthrough
LDAC
Glitch Impulse
0.12 nV-s
»
Time (5 s/div)
V
(100 V/div)
OUT
From Code: 7FFCh
To Code: 8000h
Trigger (5 V/div)
LDAC
Feedthrough
LDAC
Glitch Impulse
0.1 nV-s
»
Time (5 s/div)
V
(100 V/div)
OUT
From Code:
To Code:
8000h
7FFCh
Trigger (5 V/div)
LDAC
Feedthrough
LDAC
Glitch Impulse
0.14 nV-s
»
Time (5 s/div)
V
(500 V/div)
OUT
From Code: 7FF0h
To Code: 8000h
Trigger (5 V/div)
LDAC
Feedthrough
LDAC
Glitch Impulse
0.1 nV-s
»
Time (5 s/div)
V
(500 V/div)
OUT
From Code:
To Code:
8000h
7FF0h
Trigger (5 V/div)
LDAC
Feedthrough
LDAC
Glitch Impulse
0.1 nV-s
»
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
www.ti.com
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
TYPICAL CHARACTERISTICS: DAC at AVDD = 5.5 V (continued)
At TA = 25°C, 5-V external reference used, gain = 1 and DAC output not loaded, unless otherwise noted.
GLITCH ENERGY
GLITCH ENERGY
RISING EDGE, 1-LSB STEP
FALLING EDGE, 1-LSB STEP
Figure 37.
Figure 38.
GLITCH ENERGY
GLITCH ENERGY
RISING EDGE, 4-LSB STEP
FALLING EDGE, 4-LSB STEP
Figure 39.
Figure 40.
GLITCH ENERGY
GLITCH ENERGY
RISING EDGE, 16-LSB STEP
FALLING EDGE, 16-LSB STEP
Figure 41.
Figure 42.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com