công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCIMX536AVV8C bảng dữ liệu(PDF) 23 Page - Freescale Semiconductor, Inc

tên linh kiện PCIMX536AVV8C
Giải thích chi tiết về linh kiện  Automotive and Infotainment Applications Processors
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8C bảng dữ liệu(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8C Datasheet HTML 19Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 20Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 21Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 22Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 23Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 24Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 25Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 26Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 178 page
background image
Electrical Characteristics
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 2
Freescale Semiconductor
23
MVCC_XTAL
25
mA
VDD_REG
325
mA
VDD_FUSE
Fuse Write Mode
operation
120
mA
NVCC_EMI_DRAM
1.8v (DDR2)
800
mA
1.5v (DDR3)
650
mA
1.2v (LPDDR2)
250
mA
TVDAC_DHVDD + TVDAC_AHVDDRGB
200
mA
NVCC_SRTC_POW
<1
mA
USB_H1_VDDA25 +
USB_OTG_VDDA25
50
mA
USB_H1_VDDA33 +
USB_OTG_VDDA33
20
mA
VPH
60
mA
NVCC_CKIH
Use maximal IO Eq1, N=4
NVCC_CSI
Use maximal IO Eq1, N=20
NVCC_EIM_MAIN
Use maximal IO Eq1, N=39
NVCC_EIM_SEC
Use maximal IO Eq1, N=16
NVCC_EMI_DRAM
Use maximal IO Eq1, N=78
NVCC_FEC
Use maximal IO Eq1, N=11
NVCC_GPIO
Use maximal IO Eq1, N=13
NVCC_JTAG
Use maximal IO Eq1, N=6
NVCC_KPAD
Use maximal IO Eq1, N=11
NVCC_LCD
Use maximal IO Eq1, N=29
NVCC_LVDS
Use maximal IO Eq1, N=20
NVCC_LVDS_BG
Use maximal IO Eq1, N=1
NVCC_NANDF
Use maximal IO Eq1, N=8
NVCC_PATA
Use maximal IO Eq1, N=29
NVCC_REST
Use maximal IO Eq1, N=5
NVCC_SD1
Use maximal IO Eq1, N=6
Table 8. Maximal Supply Currents (continued)
Power Line
Conditions
Max Current
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More