| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F52107ADFN bảng dữ liệu(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F52107ADFN bảng dữ liệu(HTML) 32 Page - Renesas Technology Corp |
|
32 / 92 page ![]() R01DS0041EJ0050 Rev.0.50 Page 32 of 90 Apr 15, 2011 RX210 Group 2. CPU Under development Preliminary document Specifications in this document are tentative and subject to change. The processor status word (PSW) indicates the results of instruction execution or the state of the CPU. C Flag (Carry Flag) This flag indicates whether a carry, borrow, or shift-out has occurred as the result of an operation. Z Flag (Zero Flag) This flag indicates that the result of an operation was 0. S Flag (Sign Flag) This flag indicates that the result of an operation was negative. O Flag (Overflow Flag) This flag indicates that an overflow occurred during an operation. I Bit (Interrupt Enable) This bit enables interrupt requests. When an exception is accepted, the value of this bit becomes 0. U Bit (Stack Pointer Select) This bit specifies the stack pointer as either the ISP or USP. When an exception request is accepted, this bit is set to 0. When the processor mode is switched from supervisor mode to user mode, this bit is set to 1. PM Bit (Processor Mode Select) This bit specifies the processor mode. When an exception is accepted, the value of this bit becomes 0. IPL[3:0] Bits (Processor Interrupt Priority Level) The IPL[3:0] bits specify the processor interrupt priority level as one of sixteen levels from zero to fifteen, wherein priority level zero is the lowest and priority level fifteen the highest. When the priority level of a requested interrupt is higher than the processor interrupt priority level, the interrupt is enabled. Setting the IPL[3:0] bits to level fifteen (Fh) disables all interrupt requests. The IPL[3:0] bits are set to level fifteen (Fh) when a non-maskable interrupt is generated. When interrupts in general are generated, the bits are set to the priority levels of accepted interrupts. 2.2.2.5 Backup PC (BPC) The backup PC (BPC) is provided to speed up response to interrupts. After a fast interrupt has been generated, the contents of the program counter (PC) are saved in the BPC register. b31 b0 Value after reset: Undefined |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |