công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F52107ADFN bảng dữ liệu(PDF) 51 Page - Renesas Technology Corp

tên linh kiện R5F52107ADFN
Giải thích chi tiết về linh kiện  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52107ADFN bảng dữ liệu(HTML) 51 Page - Renesas Technology Corp

Back Button R5F52107ADFN Datasheet HTML 47Page - Renesas Technology Corp R5F52107ADFN Datasheet HTML 48Page - Renesas Technology Corp R5F52107ADFN Datasheet HTML 49Page - Renesas Technology Corp R5F52107ADFN Datasheet HTML 50Page - Renesas Technology Corp R5F52107ADFN Datasheet HTML 51Page - Renesas Technology Corp R5F52107ADFN Datasheet HTML 52Page - Renesas Technology Corp R5F52107ADFN Datasheet HTML 53Page - Renesas Technology Corp R5F52107ADFN Datasheet HTML 54Page - Renesas Technology Corp R5F52107ADFN Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 92 page
background image
R01DS0041EJ0050 Rev.0.50
Page 51 of 90
Apr 15, 2011
RX210 Group
2. CPU
Under development Preliminary document
Specifications in this document are tentative and subject to change.
2.8.2.2
Instructions Converted into Multiple Micro-Operations and Pipeline Processing
The table below lists the instructions that are converted into multiple micro-operations. The number of cycles in the table
indicates the number of cycles during no-wait memory access.
Table 2.14
Instructions that are Converted into Multiple Micro-Operations (1 / 2)
Instruction
Mnemonic (indicates the common operation when
the size is omitted)
Reference
Figure
Number of Cycles
Arithmetic/logic instructions
(memory source operand)
 {ADC, ADD, AND, CMP, MAX, MIN, MUL, OR, SBB,
SUB, TST, XOR} “[Rs], Rd”/“dsp[Rs], Rd”
Figure 2.13
3
Arithmetic/logic instructions
(division)
 DIV “[Rs],Rd / dsp[Rs],Rd”
—
5 to 22
 DIVU“[Rs],Rd / dsp[Rs],Rd”
—
4 to 20
Arithmetic/logic instructions
(multiplier: 32 × 32
 64 bits)
(register-register, register-
immediate)
 {EMUL, EMULU} “#IMM, Rd”/“Rs, Rd”
Figure 2.15
2
Arithmetic/logic instructions
(multiply-and-accumulate
operation)
 RMPA.B
—
6+7×floor(n/4)+4×(n%4)
n: Number of processing
bytes*1
 RMPA.W
—
6+5×floor(n/2)+4×(n%2)
n: Number of processing
words*1
 RMPA.L
—
6+4n
n: Number of processing
longwords*1
Arithmetic/logic instructions (64-
bit signed saturation processing
for the RMPA instruction)
 SATR
—
3
Data transfer instructions
(memory-memory transfer)
 MOV “[Rs], [Rd]”/“dsp[Rs], [Rd]”/“[Rs], dsp[Rd]”/
“dsp[Rs], [Rd]”
 PUSH “[Rs]”/“dsp[Rs]”
Figure 2.14
3
Bit manipulation instructions
(memory source operand)
 {BCLR, BNOT, BSET, BTST} “#IMM, [Rd]”/
“#IMM, dsp[Rd]”
 BMCnd “#IMM, [Rd]”/“#IMM, dsp[Rd]”
Figure 2.14
3
Transfer instructions
(load operation)
 POPC “CR”
—
Throughput: 3
Latency: 4*2
Transfer instructions (save
operation of multiple registers)
 PUSHM “Rs-Rs2”
—
n
n: Number of registers*3
Transfer instructions (restore
operation of multiple registers)
 POPM “Rs-Rs2”
—
Throughput: n
Latency: n + 1
n: Number of
registers*2,*4
Transfer instructions
(register-register)
 XCHG “Rs, Rd”
Figure 2.16
2
Transfer instructions
(memory-register)
 XCHG “[Rs], Rd”/“dsp[Rs], Rd”
Figure 2.17
2
Branch instructions
 RTS
—
5
 RTSD “#IMM”
—
5
 RTSD “#IMM, Rd-Rd2”
—
Throughput: n<5?5:1+n
Latency: n<4?5:2+n
n: Number of registers*2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com