công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC12F752 bảng dữ liệu(PDF) 124 Page - Microchip Technology

tên linh kiện PIC12F752
Giải thích chi tiết về linh kiện  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 bảng dữ liệu(HTML) 124 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 120Page - Microchip Technology PIC12F752 Datasheet HTML 121Page - Microchip Technology PIC12F752 Datasheet HTML 122Page - Microchip Technology PIC12F752 Datasheet HTML 123Page - Microchip Technology PIC12F752 Datasheet HTML 124Page - Microchip Technology PIC12F752 Datasheet HTML 125Page - Microchip Technology PIC12F752 Datasheet HTML 126Page - Microchip Technology PIC12F752 Datasheet HTML 127Page - Microchip Technology PIC12F752 Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 204 page
background image
PIC12F752/HV752
DS41576A-page 124
Preliminary
 2011 Microchip Technology Inc.
TABLE 15-2:
SUMMARY OF REGISTERS ASSOCIATED WITH COMPARATOR MODULE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CM1CON0
C1ON
C1OUT
C1OE
C1POL
—
C1SP
C1HYS
C1SYNC
122
CM1CON1
C1INTP
C1INTN
C1PCH<1:0>
—
—
—
C1NCH0
123
CM2CON0
C2ON
C2OUT
C2OE
C2POL
—
C2SP
C2HYS
C2SYNC
122
CM2CON1
C2INTP
C2INTN
C2PCH<1:0>
—
—
—
C2NCH0
123
CMOUT
—
—
—
—
—
—
MCOUT2
MCOUT1
123
DACCON0
DACEN
DACRNG
DACOE
—
—
DACPSS0
—
—
XX
DACCON1
—
—
—
DACR<4:0>
XX
FVRCON
FVREN
FVRRDY
FVR-
BUFEN
FVR-
BUFSS
—
—
—
—
110
INTCON
GIE
PEIE
T0IE
INTE
IOCIE
T0IF
INTF
IOCIF
20
PIE2
—
—
C2IE
C1IE
—
COG1IE
—
CCP1IE
22
PIR2
—
—
C2IF
C1IF
—
COG1IF
—
CCP1IF
24
TRISA
—
—
TRISA5
TRISA4
TRISA3(1)
TRISA2
TRISA1
TRISA0
48
ANSELA
—
—
ANSA5
ANSA4
—
ANSA2
ANSA1
ANSA0
50
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are unused by the comparator module.
Note
1:
TRISA3 always reads ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More