| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F752 bảng dữ liệu(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F752 bảng dữ liệu(HTML) 5 Page - Microchip Technology |
|
5 / 204 page ![]() 2011 Microchip Technology Inc. Preliminary DS41576A-page 5 PIC12F752/HV752 TABLE 2: PIC12F752/HV752 PIN SUMMARY (PDIP, SOIC, DFN) RA0(5) 7 AN0 C1IN0+ C2IN0+ — — IOC Y COG1OUT1(2) DACOUT REFOUT ICSPDAT RA1 6 AN1 C1IN0- C2IN0- —— IOC Y — VREF+ ICSPCLK RA2(5) 5 AN2 C1OUT C2OUT T0CKI CCP1 IOC INT Y COG1OUT0(2) — — RA3(1) 4— — T1G(3) — IOC Y(4) COG1FLT(3) —MCLR/VPP RA4 3 AN3 C1IN1- T1G(2) — IOC Y COG1FLT(2) COG1OUT1(3) — CLKOUT RA5 2 — C2IN1- T1CKI — IOC Y COG1OUT0(3) —CLKIN — 1 — — — — — — — — VDD —8 — — — — — — — — VSS * Alternate pin function. Note 1: Input only. 2: Default pin function via the APFCON register. 3: Alternate pin function via the APFCON register. 4: RA3 pull-up is enabled when pin is configured as MCLR in Configuration Word. 5: The port pins for the primary COG1OUTx pins have High Power (HP) output drivers. |