| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS5050 bảng dữ liệu(PDF) 10 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5050 bảng dữ liệu(HTML) 10 Page - ams AG |
|
10 / 22 page ![]() www.austriamicrosystems.com Revision 1.12 10 - 22 AS5050 Datasheet - Detailed Descr i p ti on 7.2.5 SPI Interface Commands READ Command. For a single READ command two transmission sequences are necessary. The first package written to the AS5050 contains the READ command (MSB high) and the address the chip has to access, the second package transmitted to the AS5050 device can be any command the chip has to process next. The content of the desired register is available in the MISO register of the master device at the end of the second transmission cycle. Figure 5. READ Command WRITE Command. A single WRITE command takes two transmission cycles. With a NOP command after the WRITE command you can verify the sent data with three transmission cycles because the data will be send back during the NOP command. Figure 6. WRITE Command READ Next command MOSI MSB LSB MSB LSB Response - 1 Response on READ command MISO MSB LSB MSB LSB T COM Transmission N Transmission N +1 WRITE command DATA MOSI MSB LSB MSB LSB Response-1 Old register content MISO MSB LSB MSB LSB TCOM Transmission N Transmission N +1 Next command MSB LSB New register content MSB LSB Transmission N +2 |