công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R8C bảng dữ liệu(PDF) 57 Page - Renesas Technology Corp

tên linh kiện R8C
Giải thích chi tiết về linh kiện  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C bảng dữ liệu(HTML) 57 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 53Page - Renesas Technology Corp R8C Datasheet HTML 54Page - Renesas Technology Corp R8C Datasheet HTML 55Page - Renesas Technology Corp R8C Datasheet HTML 56Page - Renesas Technology Corp R8C Datasheet HTML 57Page - Renesas Technology Corp R8C Datasheet HTML 58Page - Renesas Technology Corp R8C Datasheet HTML 59Page - Renesas Technology Corp R8C Datasheet HTML 60Page - Renesas Technology Corp R8C Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 57 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
5. Electrical Characteristics
Notes:
1.
Definition of programming/erasure endurance
The programming and erasure endurance is defined on a per-block basis.
If the programming and erasure endurance is n (n = 1,000), each block can be erased n times. For example, if 1,024 1-byte
writes are performed to different addresses in block A, a 1 Kbyte block, and then the block is erased, the
programming/erasure endurance still stands at one.
However, the same address must not be programmed more than once per erase operation (overwriting prohibited).
2.
Endurance to guarantee all electrical characteristics after program and erase. (1 to Min. value can be guaranteed).
3.
In a system that executes multiple programming operations, the actual erasure count can be reduced by writing to sequential
addresses in turn so that as much of the block as possible is used up before performing an erase operation. For example,
when programming groups of 16 bytes, the effective number of rewrites can be minimized by programming up to 128 groups
before erasing them all in one operation. It is also advisable to retain data on the erasure endurance of each block and limit
the number of erase operations to a certain number.
4.
If an error occurs during block erase, attempt to execute the clear status register command, then execute the block erase
command at least three times until the erase error does not occur.
5.
Customers desiring program/erase failure rate information should contact their Renesas technical support representative.
6.
The data hold time includes time that the power supply is off or the clock is not supplied.
Table 5.7
Flash Memory (Program ROM) Characteristics
(VCC = 1.8 to 5.5 V and Topr = 0 to 60
°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
–
Program/erase endurance (1)
10,000 (2)
––
times
–
Byte program time
–
80
–
µs
–
Block erase time
–
0.12
–
s
td(SR-SUS)
Time delay from suspend request
until suspend
–
–
0.25 + CPU clock
× 3 cycles
ms
–
Time from suspend until erase
restart
–
–
30 + CPU clock
× 1 cycle
µs
td(CMDRST-READY)
Time from when command is forcibly
terminated until reading is enabled
–
–
30 + CPU clock
× 1 cycle
µs
–
Program, erase voltage
1.8
–
5.5
V
–
Read voltage
1.8
–
5.5
V
–
Program, erase temperature
0
–
60
°C
–
Data hold time (6)
Ambient temperature = 85
°C
10
–
–
year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com