công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LD2985BM33R bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện LD2985BM33R
Giải thích chi tiết về linh kiện  Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2985BM33R bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  LD2985BM33R Datasheet HTML 1Page - STMicroelectronics LD2985BM33R Datasheet HTML 2Page - STMicroelectronics LD2985BM33R Datasheet HTML 3Page - STMicroelectronics LD2985BM33R Datasheet HTML 4Page - STMicroelectronics LD2985BM33R Datasheet HTML 5Page - STMicroelectronics LD2985BM33R Datasheet HTML 6Page - STMicroelectronics LD2985BM33R Datasheet HTML 7Page - STMicroelectronics LD2985BM33R Datasheet HTML 8Page - STMicroelectronics LD2985BM33R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LD2985Axx, LD2985Bxx
Maximum ratings
5/21
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
16
V
VINH
INHIBIT input voltage
16
V
IO
Output current
Internally limited
PD
Power dissipation
Internally limited
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21