công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSC8102RM bảng dữ liệu(PDF) 16 Page - Freescale Semiconductor, Inc

tên linh kiện MSC8102RM
Giải thích chi tiết về linh kiện  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102RM bảng dữ liệu(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MSC8102RM Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
MSC8102 Quad Core Digital Signal Processor, Rev. 12
1-6
Freescale Semiconductor
Signals/Connections
HTA
Output
Host Transfer Acknowledge
Upon a read access, indicates to the host when the data on the data bus is valid. Upon a write access,
indicates to the host that the data on the data bus was written to the DSI write buffer.
HCLKIN
Input
Host Clock Input
Host clock signal for DSI synchronous mode.
A[0–31]
Input/Output
Address Bus
When the MSC8102 is in external master bus mode, these pins function as the system address bus. The
MSC8102 drives the address of its internal bus masters and responds to addresses generated by external
bus masters. When the MSC8102 is in internal master bus mode, these pins are used as address lines
connected to memory devices and are controlled by the MSC8102 memory controller.
TT0
Input/Output
Bus Transfer Type 0
The bus master drives this pins during the address tenure to specify the type of the transaction.
TT1
Input/Output
Bus Transfer Type 1
The bus master drives this pins during the address tenure to specify the type of the transaction. Some
applications use only the TT1 signal, for example, from MSC8102 to MSC8102 or MSC8102 to MSC8101
and
vice versa. In these applications, TT1 functions as read/write signal.
TT[2–4]
CS[5–7]
Input/Output
Output
Bus Transfer Type 2–4
The bus master drives these pins during the address tenure to specify the type of the transaction.
Chip Select 5–7
Enables specific memory devices or peripherals connected to the system bus.
CS[0–4]
Output
Chip Select 0–4
Enables specific memory devices or peripherals connected to the system bus.
TSZ[0–3]
Input/Output
Transfer Size 0–3
The bus master drives these pins with a value indicating the number of bytes transferred in the current
transaction.
TBST
Input/ Output Bus Transfer Burst
The bus master asserts this pin to indicate that the current transaction is a burst transaction (transfers eight
words).
IRQ1
GBL
Input
Output
Interrupt Request 11
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
Global
1
When a master within the MSC8102 initiates a bus transaction, it drives this pin. Assertion of this pin
indicates that the transfer is global and should be snooped by caches in the system.
IRQ3
BADDR31
Input
Output
Interrupt Request 31
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
Burst Address 311
There are five burst address output pins, which are outputs of the memory controller. These pins connect
directly to burstable memory devices without internal address incrementors controlled by the MSC8102
memory controller.
IRQ2
BADDR30
Input
Output
Interrupt Request 21
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
Burst Address 301
There are five burst address output pins, which are outputs of the memory controller. These pins connect
directly to burstable memory devices without internal address incrementors controlled by the MSC8102
memory controller.
Table 1-5.
DSI, System Bus, and Interrupt Signals (Continued)
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com