công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSC8102RM bảng dữ liệu(PDF) 15 Page - Freescale Semiconductor, Inc

tên linh kiện MSC8102RM
Giải thích chi tiết về linh kiện  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102RM bảng dữ liệu(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MSC8102RM Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
Direct Slave Interface, System Bus, and Interrupt Signals
MSC8102 Quad Core Digital Signal Processor, Rev. 12
Freescale Semiconductor
1-5
HCID[0–3]
Input
Host Chip ID 0–3
Carries the chip ID of the DSI. The DSI is accessed only if HCS is asserted and HCID[0–3] matches the
Chip_ID, or if HBCS is asserted.
HA[11–29]
Input
Host Bus Address 11–29
Used by external host to access the internal address space.
HWBS[0–3]
HDBS[0–3]
HWBE[0–3]
HDBE[0–3]
Input
Input
Input
Input
Host Write Byte Strobes (In Asynchronous dual mode)
One bit per byte is used as a strobe for host write accesses.
Host Data Byte Strobe (in Asynchronous single mode)
One bit per byte is used as a strobe for host read or write accesses
Host Write Byte Enable (In Synchronous dual mode)
One bit per byte is used to indicate a valid data byte for host read or write accesses.
Host Data Byte Enable (in Synchronous single mode)
One bit per byte is used as a strobe enable for host write accesses
HWBS[4–7]
HDBS[4–7]
HWBE[4–7]
HDBE[4–7]
PWE[4–7]
PSDDQM[4–7]
PBS[4–7]
Input
Input
Input
Input
Output
Output
Output
Host Write Byte Strobes (In Asynchronous dual mode)
One bit per byte is used as a strobe for host write accesses.
Host Data Byte Strobe (in Asynchronous single mode)
One bit per byte is used as a strobe for host read or write accesses
Host Write Byte Enable (In Synchronous dual mode)
One bit per byte is used to indicate a valid data byte for host write accesses.
Host Data Byte Enable (in Synchronous single mode)
One bit per byte is used as a strobe enable for host read or write accesses
System Bus Write Enable
Outputs of the bus general-purpose chip-select machine (GPCM). These pins select byte lanes for write
operations.
System Bus SDRAM DQM
From the SDRAM control machine. These pins select specific byte lanes of SDRAM devices.
System Bus UPM Byte Select
From the UPM in the memory controller, these signals select specific byte lanes during memory operations.
The timing of these pins is programmed in the UPM. The actual driven value depends on the address and
size of the transaction and the port size of the accessed device.
HRDS
HRW
HRDE
Input
Input
Input
Host Read Data Strobe (In Asynchronous dual mode)
Used as a strobe for host read accesses.
Host Read/Write Select (in Asynchronous/Synchronous single mode)
Host read/write select.
Host Read Data Enable (In Synchronous dual mode)
Indicates valid data for host read accesses.
HBRST
Input
Host Burst
The host asserts this pin to indicate that the current transaction is a burst transaction in synchronous mode
only.
HDST0
Input
Host Data structure 0
Defines the data structure of the host access in DSI little-endian mode.
HDST1
Input
Host Data structure 1
Defines the data structure of the host access in DSI little-endian mode.
HCS
Input
Host Chip Select
DSI chip select. The DSI is accessed only if HCS is asserted and HCID[0–3] matches the Chip_ID.
HBCS
Input
Host Broadcast Chip Select
DSI chip select for broadcast mode. Enables more than one DSI to share the same host chip-select pin for
broadcast write accesses.
Table 1-5.
DSI, System Bus, and Interrupt Signals (Continued)
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com