công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSC8102RM bảng dữ liệu(PDF) 75 Page - Freescale Semiconductor, Inc

tên linh kiện MSC8102RM
Giải thích chi tiết về linh kiện  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102RM bảng dữ liệu(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MSC8102RM Datasheet HTML 71Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 72Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 73Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 74Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 75Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 76Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 77Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 78Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 80 page
background image
Connectivity Guidelines
MSC8102 Quad Core Digital Signal Processor, Rev. 12
Freescale Semiconductor
4-3
for GNDSYN. Bypass GNDSYN to VCCSYN with a 0.01-µF capacitor as close as possible to the chip package. For best
results, place this capacitor on the backside of the PCB aligned with the depopulated void on the MSC8102 located
in the square defined by positions, L11, L12, L13, M11, M12, M13, N11, N12, and N13.
Note:
See the MSC8102 Design Checklist (AN2506) for additional information.
4.2 Connectivity Guidelines
Unused output pins can be disconnected, and unused input pins should be connected to their non-active value,
except for the following:
• If the DSI is unused (bit DDR[DSIDIS] is set), then HCS and HBCS must be tied to VDD and all the rest of the DSI
signals can be disconnected.
• When the DSI uses Synchronous mode, HTA must be pulled up. In asynchronous mode, HTA should be pulled
either up or down depending on design requirements.
• HDST can be disconnected if the DSI is in Big-endian mode, or if the DSI is in Little-endian mode and
DCR[DSRFA] bit is set.
• When the DSI is in 64-bit data bus mode and DCR[BEM] is cleared, HWBS[1–3]/HDBS[1–3]/HWBE[1–3]/HDBE[1–3]
and HWBS[4–7]/HDBS[4–7]/HWBE[4–7]/HDBE[4–7]/PWE[4–7]/PSDDQM[4–7]/PBS[4–7] must be tied to VDD.
• When the DSI is in 32-bit data bus mode and DCR[BEM] is cleared, HWBS[1–3]/HDBS[1–3]/HWBE[1–3]/HDBE[1–3]
must be tied to VDD.
• When the DSI is in Asynchronous mode, HBRST and HCLKIN should either be disconnected or tied to VDD.
• When using the DSI in Synchronous mode, use special care when laying out the control signals. Test the layout
to make sure that it supports the specified DSI AC timing values and minimizes signal cross-coupling.
• The following signals can be disconnected in single-master mode (BCR[EBM] is reset): BG, DBG, EXT_BG[2–3],
EXT_DBG[2-3]
, GBL and TS.
• The following signals must be pulled up: HRESET, SRESET, ARTRY, TA, TEA, PSDVAL, and AACK.
• In single-master mode, ABB and DBB can be selected as IRQ inputs and be connected to the non-active value. In
other modes, they must be pulled up.
Figure 4-3.
VCCSYN Bypass
VDD
0.01 µF
10 µF
VCCSYN
10
Ω
10nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com