công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P89LPC9211FDH bảng dữ liệu(PDF) 26 Page - NXP Semiconductors

tên linh kiện P89LPC9211FDH
Giải thích chi tiết về linh kiện  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9211FDH bảng dữ liệu(HTML) 26 Page - NXP Semiconductors

Back Button P89LPC9211FDH Datasheet HTML 22Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 23Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 24Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 25Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 26Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 27Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 28Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 29Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 75 page
background image
P89LPC92X1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 1 December 2010
26 of 75
NXP Semiconductors
P89LPC9201/9211/922A1/9241/
8-bit microcontroller with 8-bit ADC
7.2 Enhanced CPU
The P89LPC9201/9211/922A1/9241/9251 uses an enhanced 80C51 CPU which runs at
six times the speed of standard 80C51 devices. A machine cycle consists of two CPU
clock cycles, and most instructions execute in one or two machine cycles.
7.3 Clocks
7.3.1 Clock definitions
The P89LPC9201/9211/922A1/9241/9251 device has several internal clocks as defined
below:
OSCCLK — Input to the DIVM clock divider. OSCCLK is selected from one of four clock
sources (see Figure 8) and can also be optionally divided to a slower frequency (see
Section 7.11 “CCLK modification: DIVM register”).
Remark: fosc is defined as the OSCCLK frequency.
CCLK — CPU clock; output of the clock divider. There are two CCLK cycles per machine
cycle, and most instructions are executed in one to two machine cycles (two or four CCLK
cycles).
RCCLK — The internal 7.373 MHz RC oscillator output. The clock doubler option, when
enabled, provides an output frequency of 14.746 MHz.
PCLK — Clock for the various peripheral devices and is CCLK
⁄
2.
7.3.2 CPU clock (OSCCLK)
The P89LPC9201/9211/922A1/9241/9251 provides several user-selectable oscillator
options in generating the CPU clock. This allows optimization for a range of needs from
high precision to lowest possible cost. These options are configured when the flash is
programmed and include an on-chip watchdog oscillator, an on-chip RC oscillator, an
oscillator using an external crystal, or an external clock source.
7.4 Crystal oscillator option
The crystal oscillator can be optimized for low, medium, or high frequency crystals
covering a range from 20 kHz to 18 MHz. It can be the clock source of OSCCLK and RTC.
Low speed oscillator option can be the clock source of WDT.
7.4.1 Low speed oscillator option
This option supports an external crystal in the range of 20 kHz to 100 kHz. Ceramic
resonators are also supported in this configuration.
7.4.2 Medium speed oscillator option
This option supports an external crystal in the range of 100 kHz to 4 MHz. Ceramic
resonators are also supported in this configuration.
7.4.3 High speed oscillator option
This option supports an external crystal in the range of 4 MHz to 18 MHz. Ceramic
resonators are also supported in this configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com