| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S9S08QD2CSC bảng dữ liệu(PDF) 85 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S9S08QD2CSC bảng dữ liệu(HTML) 85 Page - Freescale Semiconductor, Inc |
|
85 / 198 page ![]() Chapter 7 Central Processor Unit (S08CPUV2) MC9S08QD4 Series MCU Data Sheet, Rev. 6 Freescale Semiconductor 85 CMP #opr8i CMP opr8a CMP opr16a CMP oprx16,X CMP oprx8,X CMP ,X CMP oprx16,SP CMP oprx8,SP Compare Accumulator with Memory A – M (CCR Updated But Operands Not Changed) IMM DIR EXT IX2 IX1 IX SP2 SP1 A1 B1 C1 D1 E1 F1 9E D1 9E E1 ii dd hh ll ee ff ff ee ff ff 2 3 4 4 3 3 5 4 pp rpp prpp prpp rpp rfp pprpp prpp –– COM opr8a COMA COMX COM oprx8,X COM ,X COM oprx8,SP Complement M ← (M)= $FF – (M) (One’s Complement) A ← (A) = $FF – (A) X ← (X) = $FF – (X) M ← (M) = $FF – (M) M ← (M) = $FF – (M) M ← (M) = $FF – (M) DIR INH INH IX1 IX SP1 33 43 53 63 73 9E 63 dd ff ff 5 1 1 5 4 6 rfwpp p p rfwpp rfwp prfwpp 0 – – 1 CPHX opr16a CPHX #opr16i CPHX opr8a CPHX oprx8,SP Compare Index Register (H:X) with Memory (H:X) – (M:M + $0001) (CCR Updated But Operands Not Changed) EXT IMM DIR SP1 3E 65 75 9E F3 hh ll jj kk dd ff 6 3 5 6 prrfpp ppp rrfpp prrfpp –– CPX #opr8i CPX opr8a CPX opr16a CPX oprx16,X CPX oprx8,X CPX ,X CPX oprx16,SP CPX oprx8,SP Compare X (Index Register Low) with Memory X – M (CCR Updated But Operands Not Changed) IMM DIR EXT IX2 IX1 IX SP2 SP1 A3 B3 C3 D3 E3 F3 9E D3 9E E3 ii dd hh ll ee ff ff ee ff ff 2 3 4 4 3 3 5 4 pp rpp prpp prpp rpp rfp pprpp prpp –– DAA Decimal Adjust Accumulator After ADD or ADC of BCD Values INH 72 1 p U– – DBNZ opr8a,rel DBNZA rel DBNZX rel DBNZ oprx8,X,rel DBNZ ,X,rel DBNZ oprx8,SP,rel Decrement A, X, or M and Branch if Not Zero (if (result) ≠ 0) DBNZX Affects X Not H DIR INH INH IX1 IX SP1 3B 4B 5B 6B 7B 9E 6B dd rr rr rr ff rr rr ff rr 7 4 4 7 6 8 rfwpppp fppp fppp rfwpppp rfwppp prfwpppp – – – – – – DEC opr8a DECA DECX DEC oprx8,X DEC ,X DEC oprx8,SP Decrement M ← (M) – $01 A ← (A) – $01 X ← (X) – $01 M ← (M) – $01 M ← (M) – $01 M ← (M) – $01 DIR INH INH IX1 IX SP1 3A 4A 5A 6A 7A 9E 6A dd ff ff 5 1 1 5 4 6 rfwpp p p rfwpp rfwp prfwpp –– – DIV Divide A ← (H:A)÷(X); H ← Remainder INH 52 6 fffffp – – – – EOR #opr8i EOR opr8a EOR opr16a EOR oprx16,X EOR oprx8,X EOR ,X EOR oprx16,SP EOR oprx8,SP Exclusive OR Memory with Accumulator A ← (A ⊕ M) IMM DIR EXT IX2 IX1 IX SP2 SP1 A8 B8 C8 D8 E8 F8 9E D8 9E E8 ii dd hh ll ee ff ff ee ff ff 2 3 4 4 3 3 5 4 pp rpp prpp prpp rpp rfp pprpp prpp 0 – – – Table 7-2. Instruction Set Summary (Sheet 4 of 9) Source Form Operation Object Code Cyc-by-Cyc Details Affect on CCR VH I N Z C |