| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R26 bảng dữ liệu(PDF) 77 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R26 bảng dữ liệu(HTML) 77 Page - Renesas Technology Corp |
|
77 / 487 page ![]() R8C/26 Group, R8C/27 Group 7. Programmable I/O Ports Rev.2.10 Sep 26, 2008 Page 58 of 453 REJ09B0278-0210 Figure 7.5 Configuration of Programmable I/O Ports (5) P4_6/XIN Data bus P4_7/XOUT Data bus (Note 2) (Note 1) (Note 1) (Note 1) (Note 1) CM05 CM11 CM13 01 CM01 01 CM01 RfXIN XIN oscillation circuit CM12 RfXCIN XCIN oscillation circuit CM04 P4_6/XIN Data bus P4_7/XOUT Data bus (Note 2) (Note 1) (Note 1) (Note 1) (Note 1) CM05 CM11 CM13 RfXIN XIN oscillation circuit 2. This pin is pulled up in one of the following conditions: • CM01 = CM05 = CM13 = 1 • CM01 = CM04 = 1 • CM01 = CM10 = CM13 = 1 • CM01 = CM10 = CM04 = 1 CM01, CM04, CM05: Bits in CM0 register CM10, CM13: Bits in CM1 register NOTES: 1. symbolizes a parasitic diode. Ensure the input voltage to each port does not exceed VCC. (N, D Version) (J, K Version) |