| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R26 bảng dữ liệu(PDF) 73 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R26 bảng dữ liệu(HTML) 73 Page - Renesas Technology Corp |
|
73 / 487 page ![]() R8C/26 Group, R8C/27 Group 7. Programmable I/O Ports Rev.2.10 Sep 26, 2008 Page 54 of 453 REJ09B0278-0210 Figure 7.1 Configuration of Programmable I/O Ports (1) P1_0 to P1_3 1 Output from individual peripheral function Analog input Port latch Data bus Pull-up selection Input to individual peripheral function P1_4 1 Port latch Data bus Pull-up selection Output from individual peripheral function P0 Direction register Direction register Port latch Data bus Pull-up selection Analog input Direction register NOTE: 1. symbolizes a parasitic diode. Ensure the input voltage to each port does not exceed VCC. (Note 1) (Note 1) (Note 1) (Note 1) (Note 1) (Note 1) Drive capacity select (For N, D version only) Drive capacity select (For N, D version only) Drive capacity select (For N, D version only) Drive capacity select (For N, D version only) |