| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP35DP bảng dữ liệu(PDF) 43 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
DP35DP bảng dữ liệu(HTML) 43 Page - Intel Corporation |
|
43 / 84 page ![]() Technical Reference 43 Table 10 lists the component-side connectors and headers identified in Figure 10. Table 10. Component-side Connectors and Headers Shown in Figure 10 Item/callout from Figure 10 Description A PCI Conventional bus add-in card connector B Auxiliary rear chassis fan header C PCI Express x1 add-in card connector D PCI Express x1 add-in card connector E High Definition Audio Link header F PCI Conventional bus add-in card connector G Front panel audio header H PCI Conventional bus add-in card connector I PCI Express x1 add-in card connector J PCI Express x16 add-in card connector K Processor core power connector (2 X 2) L Back panel CIR emitter (output) header M Rear chassis fan header N Processor fan header O Serial port header P Front panel CIR receiver (input) header Q Main power connector (2 X 12) R Chassis intrusion header S Front chassis fan header T Auxiliary front panel power LED header U Front panel header V Serial ATA connectors [5] W Parallel ATA IDE connector X Front panel USB header Y Front panel USB header Z Front panel USB header AA External Serial ATA (eSATA) connector BB Front panel IEEE-1394a header |