| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP35DP bảng dữ liệu(PDF) 38 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
DP35DP bảng dữ liệu(HTML) 38 Page - Intel Corporation |
|
38 / 84 page ![]() Intel Desktop Board DP35DP Technical Product Specification 38 The amount of installed memory that can be used will vary based on add-in cards and BIOS settings. Figure 8 shows a schematic of the system memory map. All installed system memory can be used when there is no overlap of system addresses. Upper BIOS area (64 KB) Lower BIOS area (64 KB; 16 KB x 4) Add-in Card BIOS and Buffer area (128 KB; 16 KB x 8) Standard PCI/ ISA Video Memory (SMM Memory) 128 KB DOS area (640 KB) 1 MB 960 KB 896 KB 768 KB 640 KB 0 KB 0FFFFFH 0F0000H 0EFFFFH 0E0000H 0DFFFFH 0C0000H 0BFFFFH 0A0000H 09FFFFH 00000H FLASH APIC Reserved 0 MB 640 KB 1 MB Top of usable DRAM (memory visible to the operating system) PCI Memory Range - contains PCI, chipsets, Direct Media Interface (DMI), and ICH ranges (approximately 750 MB) DOS Compatibility Memory DRAM Range OM18311 ~20 MB 8 GB Top of System Address Space Upper 4 GB of address space Figure 8. Detailed System Memory Address Map |