| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP35DP bảng dữ liệu(PDF) 4 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
DP35DP bảng dữ liệu(HTML) 4 Page - Intel Corporation |
|
4 / 84 page ![]() Intel Desktop Board DP35DP Technical Product Specification iv Other Common Notation # Used after a signal name to identify an active-low signal (such as USBP0#) GB Gigabyte (1,073,741,824 bytes) GB/sec Gigabytes per second Gbit Gigabit (1,073,741,824 bits) KB Kilobyte (1024 bytes) Kbit Kilobit (1024 bits) kbits/sec 1000 bits per second MB Megabyte (1,048,576 bytes) MB/sec Megabytes per second Mbit Megabit (1,048,576 bits) Mbit/sec Megabits per second xxh An address or data value ending with a lowercase h indicates a hexadecimal value. x.x V Volts. Voltages are DC unless otherwise specified. * This symbol is used to indicate third-party brands and names that are the property of their respective owners. |